Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1085825 Datasheet(PDF) 4 Page - SICK AG

Part # 1085825
Description  PHOTOELECTRIC SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1085825 Datasheet(HTML) 4 Page - SICK AG

  1085825 Datasheet HTML 1Page - SICK AG 1085825 Datasheet HTML 2Page - SICK AG 1085825 Datasheet HTML 3Page - SICK AG 1085825 Datasheet HTML 4Page - SICK AG 1085825 Datasheet HTML 5Page - SICK AG 1085825 Datasheet HTML 6Page - SICK AG 1085825 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
GRL18-P1131V | GR18 Inox
PHOTOELECTRIC SENSORS
UL File No.
E348498
1) Limit values when operated in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Q = light switching; Ǭ = dark switching.
4) At Uv > 24 V or ambient temperature > 49 °C, IA max. = 50 mA.
5) Signal transit time with resistive load.
6) With light/dark ratio 1:1.
7) Do not bend below 0 °C.
8) A = VS connections reverse-polarity protected.
9) B = inputs and output reverse-polarity protected.
10) D = outputs overcurrent and short-circuit protected.
11) According to EN 60529 (10 m water depth / 24 h).
12) According to ISO 20653:2013-03.
13) At Uv <=24V and IA<50mA.
Classifications
ECl@ss 5.0
27270902
ECl@ss 5.1.4
27270902
ECl@ss 6.0
27270902
ECl@ss 6.2
27270902
ECl@ss 7.0
27270902
ECl@ss 8.0
27270902
ECl@ss 8.1
27270902
ECl@ss 9.0
27270902
ETIM 5.0
EC002717
ETIM 6.0
EC002717
UNSPSC 16.0901
39121528
Connection diagram
Cd-094
+ (L+)
Q
- (M)
BN
WH
BU
Q
BK
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2018-01-22 17:26:13
Subject to change without notice


Similar Part No. - 1085825

ManufacturerPart #DatasheetDescription
logo
SICK AG
1085820 SICK-1085820 Datasheet
343Kb / 6P
   PHOTOELECTRIC SENSORS
1085821 SICK-1085821 Datasheet
457Kb / 7P
   PHOTOELECTRIC SENSORS
1085822 SICK-1085822 Datasheet
372Kb / 7P
   PHOTOELECTRIC SENSORS
1085823 SICK-1085823 Datasheet
472Kb / 6P
   PHOTOELECTRIC SENSORS
1085824 SICK-1085824 Datasheet
472Kb / 6P
   PHOTOELECTRIC SENSORS
More results

Similar Description - 1085825

ManufacturerPart #DatasheetDescription
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com