Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HNSD51UBC Datasheet(PDF) 8 Page - Inolux Corporation

Part # HNSD51UBC
Description  Inolux Technologies 0.51 Dual Digit Numeric SMD Display HNSD51 Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSD51UBC Datasheet(HTML) 8 Page - Inolux Corporation

Back Button HNSD51UBC Datasheet HTML 4Page - Inolux Corporation HNSD51UBC Datasheet HTML 5Page - Inolux Corporation HNSD51UBC Datasheet HTML 6Page - Inolux Corporation HNSD51UBC Datasheet HTML 7Page - Inolux Corporation HNSD51UBC Datasheet HTML 8Page - Inolux Corporation HNSD51UBC Datasheet HTML 9Page - Inolux Corporation HNSD51UBC Datasheet HTML 10Page - Inolux Corporation HNSD51UBC Datasheet HTML 11Page - Inolux Corporation HNSD51UBC Datasheet HTML 12Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
0.51” Dual Digit
Numeric SMD Display
HNSD51 Series
Official Product
HNSD51 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSD51 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 14, 2013
Version of 1.0
Page
8/18
Electrical and Optical Characteristic
(Ta= 25°C )
Product
Emission
Color
IF (mA)
VF (V)
λ (nm)
IV (mcd)
IR (µA)
Typ.
Max.
λd
Δλ
Typ.
Max
HNSD51UBA/
HNSD51UBC
Blue
20
3.2
4.0
470
30
40
10
(VR=8V)
HNSD51TGA/
HNSD51TGC
True
Green
20
3.2
4.0
525
30
170
10
(VR=8V)
HNSD51UYGA/
HNSD51UYGC
Yellow
Green
20
2.1
2.6
570
20
12
10
(VR=5V)
HNSD51UYA/
HNSD51UYC
Yellow
20
2.0
2.6
590
20
30
10
(VR=5V)
HNSD51UAA/
HNSD51UAC
Amber
20
2.0
2.6
610
20
30
10
(VR=5V)
HNSD51URA/
HNSD51URC
Hyper
Red
20
2.0
2.6
625
20
30
10
(VR=5V)
HNSD51USRA/
HNSD51USRC
Super
Red
20
2.0
2.6
640
20
6
10
(VR=5V)
Luminous Intensity tolerance = +/- 15%


Similar Part No. - HNSD51UBC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD56 INOLUX-HNSD56 Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD56TGA INOLUX-HNSD56TGA Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD56TGC INOLUX-HNSD56TGC Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD56TWA INOLUX-HNSD56TWA Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD56TWC INOLUX-HNSD56TWC Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
More results

Similar Description - HNSD51UBC

ManufacturerPart #DatasheetDescription
logo
Inolux Corporation
HNSD56 INOLUX-HNSD56 Datasheet
11Mb / 19P
   Inolux Technologies 0.56 Dual Digit Numeric SMD Display
HNSD30 INOLUX-HNSD30 Datasheet
10Mb / 18P
   Inolux Technologies 0.3 Dual Digit Numeric SMD Display
HNSD40 INOLUX-HNSD40 Datasheet
11Mb / 19P
   Inolux Technologies 0.4 Dual Digit Numeric SMD Display HNSD40 Series
HNSD20 INOLUX-HNSD20 Datasheet
9Mb / 18P
   Inolux Technologies 0.2 Dual Digit Numeric SMD Display HNSD20 Series
HNSD28 INOLUX-HNSD28 Datasheet
10Mb / 18P
   Inolux Technologies 0.28??Dual Digit Numeric SMD Display HNSD28 Series
HNSD80 INOLUX-HNSD80 Datasheet
11Mb / 19P
   Inolux Technologies 0.8 Dual Digit Numeric SMD Display HNSD80 Series
HNSD39 INOLUX-HNSD39 Datasheet
11Mb / 19P
   Inolux Technologies 0.39 Dual Digit Numeric SMD Display HNSD39 Series
HNSQ51 INOLUX-HNSQ51 Datasheet
11Mb / 19P
   0.51 Four Digit Numeric SMD Display
HNSS51 INOLUX-HNSS51 Datasheet
10Mb / 19P
   0.51 Single Digit Numeric SMD Display
HNST51 INOLUX-HNST51 Datasheet
10Mb / 19P
   0.51 Triple Digit Numeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com