Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

161CMQ040 Datasheet(PDF) 1 Page - International Rectifier

Part # 161CMQ040
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

161CMQ040 Datasheet(HTML) 1 Page - International Rectifier

  161CMQ040 Datasheet HTML 1Page - International Rectifier 161CMQ040 Datasheet HTML 2Page - International Rectifier 161CMQ040 Datasheet HTML 3Page - International Rectifier 161CMQ040 Datasheet HTML 4Page - International Rectifier 161CMQ040 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
I
F(AV) Rectangular
160
A
waveform
V
RRM range
30 to 50
V
I
FSM @ tp = 5 µs sine
11,500
A
V
F
@80 Apk, T
J = 125°C
0.63
V
(per leg)
T
J
range
- 55 to 175
°C
Characteristics
161CMQ... Units
Major Ratings and Characteristics
SCHOTTKY RECTIFIER
160 Amp
161CMQ... SERIES
Bulletin PD-2.174 rev. C 05/02
The 161CMQ isolated center tap Schottky rectifier module
series has been optimized for low reverse leakage at high
temperature. The proprietary barrier technology allows for
reliable operation up to 175° C junction temperature. Typical
applications are in switching power supplies, converters, free-
wheeling diodes, and reverse battery protection.
175° C T
J operation
Isolated heatsink
Center tap module
Multiple leads per terminal for high frequency, high current
PC board mounting
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Low forward voltage drop
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
Low profile, high current package
Description/ Features
www.irf.com
1
TO-249AA
Outline D-60 (Modified JEDEC TO-249AA)
Dimensions in millimeters and (inches)
161CMQ050
Anode
(Isolated Base)
Anode
Common
Cathode
12
1
2
3


Similar Part No. - 161CMQ040

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
161CMQ040 NJSEMI-161CMQ040 Datasheet
141Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - 161CMQ040

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com