Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCE Datasheet(PDF) 2 Page - jb Capacitors Company

Part # JCE
Description  SMD Aluminum Electrolytic Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JBCAPACITORS [jb Capacitors Company]
Direct Link  http://www.jbcapacitors.com
Logo JBCAPACITORS - jb Capacitors Company

JCE Datasheet(HTML) 2 Page - jb Capacitors Company

  JCE_17 Datasheet HTML 1Page - jb Capacitors Company JCE_17 Datasheet HTML 2Page - jb Capacitors Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIMENSIONS (Unit: mm)
ØD×L
4×5.4
5×5.8
6.3×5.4
6.3×7.7
8×6.2
8×10.5
10×10.5
10×13.5 12.5×13.5
12.5×16
16×16.5
A
2.0
2.2
2.6
2.6
3.4
3.0
3.3
3.3
4.9
4.9
5.8
B
4.3
5.3
6.6
6.6
8.4
8.4
10.4
10.4
13.0
13.0
17.0
C
4.3
5.3
6.6
6.6
8.4
8.4
10.4
10.4
13.0
13.0
17.0
E±0.2
1.0
1.4
1.9
1.9
2.3
3.1
4.7
4.7
4.7
4.7
6.4
L
5.8
5.8
5.8
7.7
6.2
10.5
10.5
13.5
13.5
16.0
16.5
DIMENSIONS&MAXIMUM PERMISSIBLE RIPPLE CURRENT
WV/V
6.3
10
16
25
35
50
Cap/μF
0J
1A
1C
1E
1V
1H
0.1
0R1
4×5.4
1
0.22
R22
4×5.4
2
0.33
R33
4×5.4
3
0.47
R47
4×5.4
5
1
010
4×5.4
10
2.2
2R2
4×5.4
16
3.3
3R3
4×5.4
16
4.7
4R7
4×5.4
13
4×5.4
14
5×5.8
23
10
100
--
--
--
--
4×5.4
18
5×5.8
20
5×5.8
21
6.3×5.4
35
22
220
4×5.4
22
5×5.8
25
5×5.8
27
6.3×5.4
36
6.3×5.4
38
6.3×7.7
(8×6.2)
70
(70)
33
330
5×5.8
27
5×5.8
30
6.3×5.4
40
6.3×5.4
60
6.3×7.7
(8×6.2)
84
(84)
8×10.5
90
47
470
5×5.8
33
6.3×5.4
41
6.3×5.4
48
6.3×7.7
(8×6.2)
90
(91)
8×10.5
98
8×10.5
90
100
101
6.3×5.4
50
6.3×5.4
(8×6.2)
53
(110)
6.3×5.4
60
8×10.5
130
8×10.5
130
10×10.5
100
150
151
6.3×5.4
55
6.3×7.7
105
6.3×7.7
95
8×10.5
140
10×10.5
315
10×10.5
100
220
221
6.3×7.7
100
8×10.5
210
8×10.5
210
10×10.5
190
10×10.5
315
10×13.5
(10×10.5)
250
(100)
330
331
8×10.5
210
8×10.5
210
8×10.5
210
10×10.5
315
10×10.5
315
12.5×13.5
400
470
471
8×10.5
210
10×10.5
315
10×10.5
315
10×10.5
315
12.5×13.5
(10×13.5)
500
(360)
16×16.5
(12.5×16)
650
(500)
680
681
8×10.5
210
10×10.5
315
10×10.5
315
10×13.5
380
12.5×13.5
500
1000
102
10×10.5
315
10×13.5
(10×10.5)
360
(315)
12.5×13.5
(10×13.5)
(10×10.5)
450
(350)
(315)
12.5×13.5
550
16×16.5
(12.5×16)
700
(550)
1500
152
10×13.5
(10×10.5)
450
(315)
12.5×13.5
500
12.5×13.5
500
12.5×16
800
2200
222
12.5×13.5
620
12.5×16
(12.5×13.5)
650
(600)
16×16.5
900
16×16.5
100
0
3300
332
12.5×16
750
16×16.5
950
Case Size
Ripple
Current
FREQUENCY COEFFICIENT OF ALLOWABLE RIPPLE CURRENT
Frequency
50Hz
120Hz
300Hz
1KHz
10KHz~
Coefficient
Φ
4~Φ10
0.1~100µF
0.70
1.00
1.17
1.36
1.50
150~1500µF
0.85
1.00
1.08
1.20
1.30
Φ12.5
~Φ16
~470µF
0.75
1.00
1.35
1.57
2.00
680~3300µF
0.85
1.00
1.23
1.34
1.50
Please visit our website to get more update data, those data & specification are subject to change without notice.
SMD Aluminum Electrolytic Capacitor – JCE
www.jbcapacitors.com
www.jbcapacitors.hk
E-mail: info@jbcapacitors.com
Tel : (852)2790 5091
Fax: (852)8169 8283


Similar Part No. - JCE_17

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCE JBCAPACITORS-JCE_15 Datasheet
260Kb / 2P
   SMD Aluminum Electrolytic Capacitor
More results

Similar Description - JCE_17

ManufacturerPart #DatasheetDescription
logo
jb Capacitors Company
JCC JBCAPACITORS-JCC_15 Datasheet
190Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCA JBCAPACITORS-JCA Datasheet
316Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCN JBCAPACITORS-JCN_17 Datasheet
266Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCS JBCAPACITORS-JCS_17 Datasheet
350Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCZ JBCAPACITORS-JCZ_17 Datasheet
357Kb / 3P
   SMD Aluminum Electrolytic Capacitor
JCZ JBCAPACITORS-JCZ_15 Datasheet
333Kb / 3P
   SMD Aluminum Electrolytic Capacitor
JCL JBCAPACITORS-JCL_15 Datasheet
295Kb / 3P
   SMD Aluminum Electrolytic Capacitor
JCE JBCAPACITORS-JCE_15 Datasheet
260Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCK JBCAPACITORS-JCK_15 Datasheet
387Kb / 2P
   SMD Aluminum Electrolytic Capacitor
JCD JBCAPACITORS-JCD_15 Datasheet
241Kb / 4P
   SMD Aluminum Electrolytic Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com