Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATWINC15X0 Datasheet(PDF) 24 Page - Microchip Technology

Part # ATWINC15X0
Description  ATWINC15x0-MR210xB IEEE짰 802.11 b/g/n SmartConnect IoT Module
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATWINC15X0 Datasheet(HTML) 24 Page - Microchip Technology

Back Button ATWINC15X0 Datasheet HTML 20Page - Microchip Technology ATWINC15X0 Datasheet HTML 21Page - Microchip Technology ATWINC15X0 Datasheet HTML 22Page - Microchip Technology ATWINC15X0 Datasheet HTML 23Page - Microchip Technology ATWINC15X0 Datasheet HTML 24Page - Microchip Technology ATWINC15X0 Datasheet HTML 25Page - Microchip Technology ATWINC15X0 Datasheet HTML 26Page - Microchip Technology ATWINC15X0 Datasheet HTML 27Page - Microchip Technology ATWINC15X0 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Parameter
Min.
Max.
Units
Description
Notes
together. VDDIO must not rise
before VBATT.
tB
0
ms
VDDIO rise to CHIP_EN
rise
CHIP_EN must not rise before
VDDIO. CHIP_EN must be driven
high or low, not left floating.
tC
5
ms
CHIP_EN rise to
RESETN rise
This delay is needed because the
XO clock must stabilize before
RESETN removal. RESETN must
be driven high or low, not left
floating.
tA’
0
ms
VDDIO fall to VBATT fall
VBATT and VDDIO can fall
simultaneously or can be tied
together. VBATT must not fall
before VDDIO.
tB’
0
ms
CHIP_EN fall to VDDIO
fall
VDDIO must not fall before
CHIP_EN. CHIP_EN and RESETN
can fall simultaneously.
tC’
0
ms
RESETN fall to VDDIO
fall
VDDIO must not fall before
RESETN. RESETN and CHIP_EN
can fall simultaneously.
8.5
Digital I/O Pin Behavior During Power-up Sequences
The following table represents digital I/O Pin states corresponding to device power modes.
Table 8-3. Digital I/O Pin Behavior in Different Device States
Device state
VDDIO
CHIP_EN RESETN
Output
driver
Input
driver
Pull up/down
resistor (96kΩ)
Power-Down:
core supply off
High
Low
Low
Disabled (Hi-Z) Disabled Disabled
Power-on Reset:
core supply on, hard reset
on
High
High
Low
Disabled (Hi-Z) Disabled Enabled
Power-On Default:
core supply on, the device
is out of reset but not
programmed yet
High
High
High
Disabled (Hi-Z) Enabled
Enabled
On Sleep/
On Transmit/
On Receive:
core supply on, device
programmed by firmware
High
High
High
Programmed by
firmware for
each pin:
Enabled or
Disabled
Opposite
of Output
Driver
state
Programmed by
firmware for
each pin:
Enabled or
Disabled
ATWINC15x0
Power Consumption
© 2017 Microchip Technology Inc.
Datasheet
DS70005304B-page 24


Similar Part No. - ATWINC15X0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATWINC1500B-MU ATMEL-ATWINC1500B-MU Datasheet
1Mb / 35P
   IEEE 802.11 b/g/n Network Controller SoC
ATWINC1500 ATMEL-ATWINC1500_14 Datasheet
463Kb / 26P
   Single Chip IEEE 802.11 b/g/n Network Controller SOC
More results

Similar Description - ATWINC15X0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
   IEEE 802.11 b/g/n IoT Module
ATSAMW25-MR210PB ATMEL-ATSAMW25-MR210PB Datasheet
1Mb / 25P
   IEEE 802.11 b/g/n SmartConnect Wi-Fi Module
logo
Microchip Technology
ATWINC3400-MR210XA MICROCHIP-ATWINC3400-MR210XA Datasheet
1Mb / 59P
   IEEE짰 802.11 b/g/n Network Controller with Integrated Bluetooth짰 Low Energy Module
2021
logo
Advantech Co., Ltd.
EWM-W167M2 ADVANTECH-EWM-W167M2 Datasheet
349Kb / 1P
   802.11 b/g/n
logo
Laird Tech Smart Techno...
450-0118C LSTD-450-0118C Datasheet
1Mb / 35P
   Integrated 802.11 b/g/n WLAN Module
logo
Silicon Laboratories
WF111 SILABS-WF111 Datasheet
1Mb / 34P
   WF111 Data Sheet: 802.11 B/G/N Module
Rev. 1.5
logo
Microchip Technology
ATWILC1000-MR110XB MICROCHIP-ATWILC1000-MR110XB Datasheet
2Mb / 60P
   IEEE 802.11 b/g/n Link Controller Module
2017
logo
Laird Tech Smart Techno...
450-0067 LSTD-450-0067 Datasheet
641Kb / 40P
   Integrated 802.11 b/g WLAN Module
logo
rfsolutions.ltd
ESP-12S RFSOLUTIONS-ESP-12S Datasheet
438Kb / 2P
   ESP-12S 802.11 b/g/n Wi-Fi Module
V1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com