Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3268-40 Datasheet(PDF) 2 Page - KR Electronics, Inc.

Part # 3268-40
Description  187.5 MHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3268-40 Datasheet(HTML) 2 Page - KR Electronics, Inc.

  3268-40 Datasheet HTML 1Page - KR Electronics, Inc. 3268-40 Datasheet HTML 2Page - KR Electronics, Inc. 3268-40 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
© 2016 KR Electronics, Inc.
3268-40, Rev 0
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Passband Amplitude & Group Delay
(1 dB/div & 2 nsec/div)
KR Electronics 3268-40
KR Electronics, Inc.
www.krfilters.com
Overall Response
(10 dB/div)


Similar Part No. - 3268-40

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3268-100 KR-3268-100 Datasheet
93Kb / 3P
   187.5 MHz Bandpass Filter
3268-100-SMA KR-3268-100-SMA Datasheet
113Kb / 3P
   KR Electronics part number 3268-100-SMA is a group delay equalized 187.5 MHz Bandpass filter
More results

Similar Description - 3268-40

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3268-100 KR-3268-100 Datasheet
93Kb / 3P
   187.5 MHz Bandpass Filter
3251 KR-3251 Datasheet
58Kb / 3P
   187.5 MHz Bandpass Filter
3310-187.5-SMA KR-3310-187.5-SMA Datasheet
114Kb / 3P
   KR Electronics part number 3310-187.5-SMA is a 187.5 MHz Bandpass filter
3342-187.5-SMA KR-3342-187.5-SMA Datasheet
98Kb / 3P
   KR Electronics part number 3342-187.5-SMA is a 187.5 MHz bandpass filter
3310-187.5 KR-3310-187.5 Datasheet
104Kb / 3P
   KR Electronics part number 3310-187.5 is a 187.5 MHz Band-pass filter
3212-187.5 KR-3212-187.5 Datasheet
58Kb / 3P
   KR Electronics part number 3212-187.5 is a 187.5 MHz band-pass filter
3268-100-SMA KR-3268-100-SMA Datasheet
113Kb / 3P
   KR Electronics part number 3268-100-SMA is a group delay equalized 187.5 MHz Bandpass filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com