Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25971 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25971
Description  I2C Controlled Single Cell High Efficiency 8-A Switched Cap Fast Chargers With ADC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25971 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25971 Datasheet HTML 1Page - Texas Instruments BQ25971 Datasheet HTML 2Page - Texas Instruments BQ25971 Datasheet HTML 3Page - Texas Instruments BQ25971 Datasheet HTML 4Page - Texas Instruments BQ25971 Datasheet HTML 5Page - Texas Instruments BQ25971 Datasheet HTML 6Page - Texas Instruments BQ25971 Datasheet HTML 7Page - Texas Instruments BQ25971 Datasheet HTML 8Page - Texas Instruments BQ25971 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Adaptor
VBUS
AC/DC
Converter
Host + PD Controller
(MSP430 + TPS25740)
D+/D-
CC1/ CC2
VOUT
SYS
BAT
SYSTEM
bq25970
SC
Phase #1
SC
Phase #2
bq2589x
SW
D+/D-
PD Controller
(TUSB422)
AP
(MSP430)
Phone
I2C
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
bq25970, bq25971
SLUSD72A – NOVEMBER 2017 – REVISED DECEMBER 2017
bq25970, bq25971 I2C Controlled Single Cell High Efficiency 8-A Switched Cap Fast
Chargers With ADC
1
1 Features
1
97% Efficient Power Stage for 8-A Fast Charge
Switched Cap Architecture Optimized for 50%
Duty Cycle
Input Voltage is 2x Battery Voltage (3.5 V to
4.65 V)
Output Current is 2x of Input Current (up to
4.5 A)
Reduces Power Loss Across the Cable
Integrated Programmable Protection Features for
Safe Operation
Input Over-Voltage Protection (BUS_OVP)
Input Over-Current Protection (BUS_OCP) with
Adjustable Alarm
Input Over-Voltage with External OVP FET
(VAC_OVP up to 17 V, bq25970 only)
Battery Over-Voltage Protection (BAT_OVP)
with Adjustable Alarm
Output Over-Voltage (VOUT_OVP)
Input Over-Current Protection (BUS_OCP) with
Adjustable Alarm
IBAT Over-Current Protection (BAT_OCP) with
Adjustable Alarm
Battery Temperature Monitoring
Connector Temperature Monitoring
Programmable Settings for System Optimization
Optional VBATREG and IBATREG Regulation
for System Load and Wall Adapter Transients
(bq25970 only with External OVP FET)
STAT, FLAG, and MASK options for Interrupts
ADC Readings and Configuration
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
External OVP Capable
(3)
No External OVP
Integrated 12-Bit Effective Analog-to Digital
Converter (ADC)
±0.5% BUS Voltage
±0.5% VOUT Voltage
–0.4% to 0.2% BAT Voltage with Differential
Sensing
±1.5% BAT Current at 6 A with External
RSENSE
±1% BAT Temperature
±1% BUS Temperature
±4°C Die Temperature
2 Applications
Smart Phone
Tablet PC
3 Description
The bq2597x is a 97% efficient, 8-A battery charging
solution using a switched cap architecture. This
architecture and the integrated FETs are optimized to
enable a 50% duty cycle, allowing the cable current
to be half the current delivered to the battery,
reducing the losses over the charging cable as well
as limiting the temperature rise in the application.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq25970(2)
DSBGA (56)
3.00 mm x 3.20 mm
bq25971(3)
DSBGA (56)
3.00 mm x 3.20 mm
Simplified Application


Similar Part No. - BQ25971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25971 TI-BQ25971 Datasheet
2Mb / 88P
[Old version datasheet]   BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
More results

Similar Description - BQ25971

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25968 TI-BQ25968 Datasheet
2Mb / 88P
[Old version datasheet]   BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
BQ25960H TI1-BQ25960H Datasheet
2Mb / 82P
[Old version datasheet]   BQ25960H I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
DECEMBER 2023
BQ25960 TI-BQ25960 Datasheet
1Mb / 72P
[Old version datasheet]   BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ25980 TI-BQ25980 Datasheet
1Mb / 10P
[Old version datasheet]   BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
logo
Silicon Mitus, Inc.
SM5440 SILICONMITUS-SM5440 Datasheet
162Kb / 2P
   A Very High Efficiency Switched Capacitor 9A Charger with 13-bit ADC for Fast Charging
July 2021 Rev. 1.0.0
logo
Texas Instruments
BQ25895M TI-BQ25895M_15 Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
   High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com