Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25970 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25970
Description  I2C Controlled Single Cell High Efficiency 8-A Switched Cap Fast Chargers With ADC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25970 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25970 Datasheet HTML 5Page - Texas Instruments BQ25970 Datasheet HTML 6Page - Texas Instruments BQ25970 Datasheet HTML 7Page - Texas Instruments BQ25970 Datasheet HTML 8Page - Texas Instruments BQ25970 Datasheet HTML 9Page - Texas Instruments BQ25970 Datasheet HTML 10Page - Texas Instruments BQ25970 Datasheet HTML 11Page - Texas Instruments BQ25970 Datasheet HTML 12Page - Texas Instruments BQ25970 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
BQ25970YFFR
DSBGA
YFF
56
3000
367.0
367.0
35.0
BQ25970YFFT
DSBGA
YFF
56
250
367.0
367.0
35.0
BQ25971YFFT
DSBGA
YFF
56
250
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
27-Jan-2018
Pack Materials-Page 2


Similar Part No. - BQ25970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25970 TI-BQ25970 Datasheet
1Mb / 72P
[Old version datasheet]   BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ25970 TI-BQ25970 Datasheet
2Mb / 88P
[Old version datasheet]   BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
More results

Similar Description - BQ25970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25968 TI-BQ25968 Datasheet
2Mb / 88P
[Old version datasheet]   BQ25968 I2C Controlled Single Cell High Efficiency 6-A Switched Cap Fast Charger With ADC
BQ25890H TI1-BQ25890H Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled Single Cell 5-A Fast Charger
BQ25898 TI1-BQ25898 Datasheet
369Kb / 11P
[Old version datasheet]   I2C Controlled Single Cell 4-A Fast Charger
BQ25960H TI1-BQ25960H Datasheet
2Mb / 82P
[Old version datasheet]   BQ25960H I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
DECEMBER 2023
BQ25960 TI-BQ25960 Datasheet
1Mb / 72P
[Old version datasheet]   BQ25960 I2C Controlled, Single Cell 8-A Switched Cap Parallel Battery Charger with Integrated Bypass Mode and Dual-Input Selector
BQ25980 TI-BQ25980 Datasheet
1Mb / 10P
[Old version datasheet]   BQ25980 I2C Controlled, 2-Cell, 8-A Switched Cap Parallel Battery Charger with Integrated Protection and Dual-Input Selector
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
[Old version datasheet]   BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
logo
Silicon Mitus, Inc.
SM5440 SILICONMITUS-SM5440 Datasheet
162Kb / 2P
   A Very High Efficiency Switched Capacitor 9A Charger with 13-bit ADC for Fast Charging
July 2021 Rev. 1.0.0
logo
Texas Instruments
BQ25895M TI-BQ25895M_15 Datasheet
786Kb / 12P
[Old version datasheet]   bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
logo
Renesas Technology Corp
DA9313 RENESAS-DA9313 Datasheet
810Kb / 58P
   High Efficiency Dual Cell Switched Capacitor Divider
23-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com