Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25708RSNT Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25708RSNT
Description  SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25708RSNT Datasheet(HTML) 56 Page - Texas Instruments

Back Button BQ25708RSNT Datasheet HTML 52Page - Texas Instruments BQ25708RSNT Datasheet HTML 53Page - Texas Instruments BQ25708RSNT Datasheet HTML 54Page - Texas Instruments BQ25708RSNT Datasheet HTML 55Page - Texas Instruments BQ25708RSNT Datasheet HTML 56Page - Texas Instruments BQ25708RSNT Datasheet HTML 57Page - Texas Instruments BQ25708RSNT Datasheet HTML 58Page - Texas Instruments BQ25708RSNT Datasheet HTML 59Page - Texas Instruments BQ25708RSNT Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
56
bq25708
SLUSCU2 – NOVEMBER 2017
www.ti.com
Product Folder Links: bq25708
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6.8 ADCIBAT Register (SMBus address = 24h)
ICHG: Full range: 8.128 A, LSB 64: mA
IDCHG: Full range: 32.512 A, LSB: 256 mA
Figure 29. ADCIBAT Register (SMBus address = 24h)
15
14
13
12
11
10
9
8
Reserved
R
R
R
R
R
R
R
7
6
5
4
3
2
1
0
Reserved
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 38. ADCIBAT Register Field Descriptions
BIT
FIELD
TYPE
RESET
DESCRIPTION
15
Reserved
R
Not used. Value ignored.
14-8
R
7-bit Digital Output of Battery Charge Current
7
Reserved
R
Not used. Value ignored.
6-0
R
7-bit Digital Output of Battery Discharge Current


Similar Part No. - BQ25708RSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700ARSNR TI1-BQ25700ARSNR Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700ARSNT TI1-BQ25700ARSNT Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNR TI1-BQ25703ARSNR Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results

Similar Description - BQ25708RSNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
[Old version datasheet]   SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
[Old version datasheet]   BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
[Old version datasheet]   BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com