Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24XA Datasheet(PDF) 100 Page - Microchip Technology

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA Datasheet(HTML) 100 Page - Microchip Technology

Back Button MRF24XA Datasheet HTML 96Page - Microchip Technology MRF24XA Datasheet HTML 97Page - Microchip Technology MRF24XA Datasheet HTML 98Page - Microchip Technology MRF24XA Datasheet HTML 99Page - Microchip Technology MRF24XA Datasheet HTML 100Page - Microchip Technology MRF24XA Datasheet HTML 101Page - Microchip Technology MRF24XA Datasheet HTML 102Page - Microchip Technology MRF24XA Datasheet HTML 103Page - Microchip Technology MRF24XA Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 258 page
background image
MRF24XA
DS70005023C-page 100
Preliminary
 2015 Microchip Technology Inc.
REGISTER 4-1:
MACCON1 (MAC CONTROL 1 REGISTER)
ADDRESS: 0x10
R/W-00
R/W-001
R/W-1
R/W-0
R/W-0
TRXMODE<1:0>
ADDRSZ<2:0>
CRCSZ
FRMFMT
SECFLAGOVR
bit 7
bit 0
Legend: R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-6
TRXMODE<1:0>: TX/RX Mode Select Field bits
11 = Reserved
10 = TX-Streaming mode. In this mode, use both buffers for packet transmission. When issuing TRX-
MODE = 10, RXEN is cleared. SPI addresses 0x200 to 0x27F access Buffer 1 or Buffer 2 in
alternation. Access to 0x37F through 0x383 has non-defined effect.
01 = RX-Streaming mode. In this mode, use both buffers for packet reception. When issuing TRXMODE
= 01, TXST and TXENC/RXDEC bits are cleared and RXEN is set. SPI addresses 0x300 to 0x383
access Buffer 1 or Buffer 2 in alternation. In this mode, Proprietary mode packets other than stream-
ing type are automatically discarded. Access to 0x200 through 0x283 has non-defined effect.
00 = Packet mode. In this mode, Buffer 1 is used as a transmit and Buffer 2 is used as a receive packet
buffer. SPI addresses from 0x200 to 0x27F access Buffer 1. SPI addresses 0x300 to 0x383 access
Buffer 2. TRXMODE = 00 is mandatory when FRMFMT = 0.
bit 5-3
ADDRSZ<2:0>: Source/Destination Address Size Field bits(1, 2)
The size of the Source and Destination addresses for Proprietary packet. Note that this field has no effect
on the processing IEEE 802.15.4 frames.
111 = 8 octets
110 = 7 octets
101 = 6 octets
100 = 5 octets
011 = 4 octets
010 = 3 octets
001 = 2 octets
000 = 1 octet
bit 2
CRCSZ: CRC Size bit
This bit indicates the size of the CRC field in each packet.
1 = 2 octets
0 = 0 octet
bit 1
FRMFMT: MAC Frame Format Adopted by the Network bit(3)
This bit determines the frame format used in the network.
1 = Proprietary
0 = IEEE 802.15.4 standard compliant
bit 0
SECFLAGOVR: Security Flag Override bit
The user can override security flags used in the CCM-CTR, CBC-MAC and CCM operation, otherwise
the device uses the standard (2003/2006) definition.
Note 1:
Zero-length address occurs when the corresponding DAddrPrsnt/SAddrPrsnt bits of the packet Frame Con-
trol field are set to ‘0’.
2:
Use the ADDRSZ field while receiving and transmitting, and must not be modified while RXEN or TXST is set.
3:
Use the FRMFMT field while receiving and transmitting, and must not be modified while RXEN or TXST is set.
In Debug mode, this register bit is used to determine the frame format for both Tx/Rx frame in the packet
buffers.


Similar Part No. - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA-I/MQ MICROCHIP-MRF24XA-I/MQ Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
More results

Similar Description - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com