Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24XA Datasheet(PDF) 82 Page - Microchip Technology

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA Datasheet(HTML) 82 Page - Microchip Technology

Back Button MRF24XA Datasheet HTML 78Page - Microchip Technology MRF24XA Datasheet HTML 79Page - Microchip Technology MRF24XA Datasheet HTML 80Page - Microchip Technology MRF24XA Datasheet HTML 81Page - Microchip Technology MRF24XA Datasheet HTML 82Page - Microchip Technology MRF24XA Datasheet HTML 83Page - Microchip Technology MRF24XA Datasheet HTML 84Page - Microchip Technology MRF24XA Datasheet HTML 85Page - Microchip Technology MRF24XA Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 258 page
background image
MRF24XA
DS70005023C-page 82
Preliminary
 2015 Microchip Technology Inc.
REGISTER 3-12:
PIR4 (PERIPHERAL INTERRUPT REGISTER 4)
ADDRESS: 0x07
REGISTER 3-13:
PIE4 (PERIPHERAL INTERRUPT ENABLE 4)
ADDRESS: 0x0B
R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0 R/W/HS/HC-0
TXSFDIF
RXSFDIF
ERRORIF
WARNIF
EDCCAIF
GPIO2IF
GPIO1IF
GPIO0IF
bit 7
bit 0
Legend: R = Readable bit W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-3
Out of scope
bit 2
GPIO2IF: GPIO2 Interrupt Flag bit
Set by the device if the GPIOMODE register is set to normal operation, the GPIO is enabled and
configured to input and the level matches with the polarity.
bit 1
GPIO1IF: GPIO1 Interrupt Flag bit
Set by the device if the GPIOMODE register is set to normal operation, the GPIO is enabled and
configured to input and the level matches with the polarity.
bit 0
GPIO0IF: GPIO0 Interrupt Flag bit
Set by the device if the GPIOMODE register is set to normal operation, the GPIO is enabled and
configured to input and the level matches with the polarity.
R/W-0
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
TXSFDIE
RXSFDIE
ERRORIE
WARNIE
EDCCAIE
GPIO2IE
GPIO1IE
GPIO0IE
bit 7
bit 0
Legend: R = Readable bit W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
bit 7-3
Out of scope
bit 2
GPIO2IE: GPIO2 Interrupt Enable bit
This bit masks the GPIO2IF interrupt register.
bit 1
GPIO1IE: GPIO1 Interrupt Enable bit
This bit masks the GPIO1IF interrupt register.
bit 0
GPIO0IE: GPIO0 Interrupt Enable bit
This bit masks the GPIO0IF interrupt register.


Similar Part No. - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA-I/MQ MICROCHIP-MRF24XA-I/MQ Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
More results

Similar Description - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com