Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF24XA Datasheet(PDF) 20 Page - Microchip Technology

Part # MRF24XA
Description  Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
Download  258 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24XA Datasheet(HTML) 20 Page - Microchip Technology

Back Button MRF24XA Datasheet HTML 16Page - Microchip Technology MRF24XA Datasheet HTML 17Page - Microchip Technology MRF24XA Datasheet HTML 18Page - Microchip Technology MRF24XA Datasheet HTML 19Page - Microchip Technology MRF24XA Datasheet HTML 20Page - Microchip Technology MRF24XA Datasheet HTML 21Page - Microchip Technology MRF24XA Datasheet HTML 22Page - Microchip Technology MRF24XA Datasheet HTML 23Page - Microchip Technology MRF24XA Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 258 page
background image
MRF24XA
DS70005023C-page 20
Preliminary
 2015 Microchip Technology Inc.
REGISTER 2-3:
PIR1 (PERIPHERAL INTERRUPT REGISTER 1)
Address: 0x04
R/HS-1
R-0
R/HS-0
R/W/HC-0
R-0
R/W/HS-0
R/W/HS-0
R-0
VREGIF
r
RDYIF
IDLEIF
r
CALSOIF
CALHAIF
r
bit 7
bit 0
Legend: R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
r = Reserved
HC = Hardware Clear
HS = Hardware Set
bit 7
VREGIF: Voltage Regulator On Interrupt Flag bit
This is a nonpersistent bit. The register bit initializes to one on 1.2V reset except for PINRESET and
only clears when reading PIR1. Note that the corresponding IE bit is not implemented(1).
bit 6
Reserved: Maintain as ‘0’
bit 5
RDYIF: Ready State Interrupt Flag bit
Set each time when ready state is reached:
• when Calibration ended (CALST = 0)
• when initialization ended (INITDONESF = 1)
• when crystal is ramped up (XTALSF = 1)
This bit is cleared when PIR1 is read.
bit 4
IDLEIF: Idle State Interrupt Flag bit
Set each time the IDLESF is set and if MCU did not trigger this change. This is unchanged when MCU
aborts an action by clearing either of TXST, TXENC, RXDEC or EDST bits. This bit is cleared when
PIR1 is read.
bit 3
Reserved: Maintain as ‘0’
bit 2
CALSOIF: Calibration Soft Interrupt Flag bit
CALSOIF = 1 indicates that Calibration is needed (CALST) although the radio is still functional. It also
warns of a possible degradation in signal quality and consumption, and a risk of
CALHAIF interrupt. This bit is cleared when PIR1 is read.
bit 1
CALHAIF: Calibration Hard Interrupt Flag bit
CALHAIF = 1 indicates that immediate Calibration (CALST) is mandatory, otherwise the radio is not
functional. The device enters into malfunction state. This bit is cleared when PIR1 is
read.
bit 0
Reserved: Maintain as ‘0’
Note 1: Generated non-maskable interrupt is gated off until the 1.2V reset is released.


Similar Part No. - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA-I/MQ MICROCHIP-MRF24XA-I/MQ Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
More results

Similar Description - MRF24XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Anaren Microwave
2530E24AZ1 ANAREN-2530E24AZ1 Datasheet
234Kb / 2P
   2.4-GHz IEEE 802.15.4 compliant RF transceiver
logo
Texas Instruments
CC2520 TI-CC2520_11 Datasheet
2Mb / 133P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE RF TRANSCEIVER
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_V01 Datasheet
2Mb / 151P
   IEEE 802.15.4™ 2.4 GHz RF Transceiver
Revision E March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com