Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25708RSNR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25708RSNR
Description  SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25708RSNR Datasheet(HTML) 26 Page - Texas Instruments

Back Button BQ25708RSNR Datasheet HTML 22Page - Texas Instruments BQ25708RSNR Datasheet HTML 23Page - Texas Instruments BQ25708RSNR Datasheet HTML 24Page - Texas Instruments BQ25708RSNR Datasheet HTML 25Page - Texas Instruments BQ25708RSNR Datasheet HTML 26Page - Texas Instruments BQ25708RSNR Datasheet HTML 27Page - Texas Instruments BQ25708RSNR Datasheet HTML 28Page - Texas Instruments BQ25708RSNR Datasheet HTML 29Page - Texas Instruments BQ25708RSNR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
26
bq25708
SLUSCU2 – NOVEMBER 2017
www.ti.com
Product Folder Links: bq25708
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.3.8.4 System Overvoltage Protection (SYSOVP)
When the converter starts up, the bq25708 reads CELL pin configuration and sets MaxChargeVoltage() and
SYSOVP threshold (1s – 5 V, 2s – 12 V, 3s/4s – 19.5 V). Before REGx15() is written by host, the battery
configuration will change with CELL pin voltage. When SYSOVP happens, the device latches off the converter.
REG20[4] is set as 1. The user can clear the latch-off by either writing 0 to SYSOVP bit or removing and
plugging in adapter again. After the latch-off is cleared, converter starts again.
8.3.8.5
Battery Overvoltage Protection (BATOVP)
Battery over-voltage may happen when battery is removed during charging or the user plugs in a wrong battery.
The BATOVP threshold is 104% (1 s) or 102% (2 s to 4 s) of regulation voltage set in REG0x15().
8.3.8.6
Battery Short
If BAT voltage falls below SYSMIN during charging, the maximum current is limited to 384 mA.
8.3.8.7 Thermal Shutdown (TSHUT)
The WQFN package has low thermal impedance, which provides good thermal conduction from the silicon to the
ambient, to keep junction temperatures low. As added level of protection, the charger converter turns off for self-
protection whenever the junction temperature exceeds the 155°C. The charger stays off until the junction
temperature falls below 135°C. During thermal shut down, the LDO current limit is reduced to 16 mA and REGN
LDO stays off. When the temperature falls below 135°C, charge can be resumed with soft start.
8.4 Device Functional Modes
8.4.1 Forward Mode
When input source is connected to VBUS, bq25708 is in forward mode to regulate system and charge battery.
8.4.1.1 System Voltage Regulation with Narrow VDC Architecture
The bq25708 employs Narrow VDC architecture (NVDC) with BATFET separating system from battery. The
minimum system voltage is set by MinSystemVoltage(). Even with a deeply depleted battery, the system is
regulated above the minimum system voltage.
When the battery is below minimum system voltage setting, the BATFET operates in linear mode (LDO mode).
As the battery voltage rises above the minimum system voltage, BATFET is fully on when charging or in
supplement mode and the voltage difference between the system and battery is the VDS of BATFET. System
voltage is regulated 160 mV above battery voltage when BATFET is off (no charging or no supplement current).
See System Voltage Regulation for details on system voltage regulation and register programming.
8.4.1.2 Battery Charging
The bq25708 charges 1-4 cell battery in constant current (CC), and constant voltage (CV) mode. Based on
CELL_BATPREZ pin setting, the charger sets default battery voltage 4.2V/cell to ChargeVoltage(), or
REG0x15(). According to battery capacity, the host programs appropriate charge current to ChargeCurrent(), or
REG0x14(). When battery is full or battery is not in good condition to charge, host terminates charge by setting
REG0x12[0] to 1, or setting ChargeCurrent() to zero.
See Feature Description for details on register programming.


Similar Part No. - BQ25708RSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700ARSNR TI1-BQ25700ARSNR Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25700ARSNT TI1-BQ25700ARSNT Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703ARSNR TI1-BQ25703ARSNR Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
More results

Similar Description - BQ25708RSNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25700A TI1-BQ25700A Datasheet
1Mb / 82P
[Old version datasheet]   SMBus Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25703A TI1-BQ25703A Datasheet
1Mb / 81P
[Old version datasheet]   I2C Multi-Chemistry Battery Buck-Boost Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25710 TI1-BQ25710 Datasheet
1Mb / 88P
[Old version datasheet]   SMBus Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713 Datasheet
132Kb / 7P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25713 TI1-BQ25713_18 Datasheet
1Mb / 91P
[Old version datasheet]   I2C Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25720 TI-BQ25720 Datasheet
3Mb / 106P
[Old version datasheet]   BQ25720 SMBus 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ25723 TI-BQ25723 Datasheet
3Mb / 108P
[Old version datasheet]   BQ25723 I2C 1- to 4-Cell Narrow VDC Buck-Boost Battery Charge Controller With System Power Monitor and Processor Hot Monitor
BQ24770 TI-BQ24770_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
BQ24773 TI-BQ24773_15 Datasheet
794Kb / 11P
[Old version datasheet]   bq2477x NVDC Battery Charge Controller With System Power Monitor and Processor Hot Indicator
logo
Dallas Semiconductor
DS2770 DALLAS-DS2770 Datasheet
272Kb / 27P
   Battery Monitor and Charge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com