Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25122YFPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25122YFPR
Description  Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25122YFPR Datasheet(HTML) 5 Page - Texas Instruments

  BQ25122YFPR Datasheet HTML 1Page - Texas Instruments BQ25122YFPR Datasheet HTML 2Page - Texas Instruments BQ25122YFPR Datasheet HTML 3Page - Texas Instruments BQ25122YFPR Datasheet HTML 4Page - Texas Instruments BQ25122YFPR Datasheet HTML 5Page - Texas Instruments BQ25122YFPR Datasheet HTML 6Page - Texas Instruments BQ25122YFPR Datasheet HTML 7Page - Texas Instruments BQ25122YFPR Datasheet HTML 8Page - Texas Instruments BQ25122YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
bq25122
www.ti.com
SLUSD33 – NOVEMBER 2017
Product Folder Links: bq25122
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
IPRETERM
D1
I
Termination current programming input. Connect a 0-
Ω to 10-kΩ resistor from IPRETERM to
GND to program the termination current between 5% and 20% of the charge current. The
pre-charge current is the same as the termination current setting. Connect IPRETERM to
GND to set the termination current to the internal default threshold. IPRETERM can also be
updated through I2C.
INT
D2
O
Status Output. INT is an open-drain output that signals charging status and fault interrupts.
INT pulls low during charging. INT is high impedance when charging is complete, disabled,
or the charger is in high impedance mode. When a fault occurs, a 128µs pulse is sent out as
an interrupt for the host. INT charge indicator function is enabled/disabled using the EN_INT
bit in the control register. Connect INT to a logic rail using an LED for visual indication of
charge status or through a 100kΩ resistor to communicate with the host processor.
PG
D4
O
Open-drain Power Good status indication output. PG pulls to GND when VIN is above V(BAT)
+ VSLP and less that VOVP. PG is high-impedance when the input power is not within
specified limits. Connect PG to the desired logic voltage rail using a 1k
Ω to 100kΩ resistor,
or use with an LED for visual indication. PG can also be configured as a push-button voltage
shifted output (MRS) in the registers, where the output of the PG pin reflects the status of the
MR input, but pulled up to the desired logic voltage rail using a 1k
Ω to 100kΩ resistor.
RESET
D3
O
Reset Output. RESET is an open drain active low output that goes low when MR is held low
for longer than tRESET, which is configurable by the MRRESET registers. RESET is
deasserted after the tRESET_D, typically 400ms.
MR
E1
I
Manual Reset Input. MR is a push-button input that must be held low for greater than tRESET
to assert the reset output. If MR is pressed for a shorter period, there are two programmable
timer events, tWAKE1 and tWAKE2, that trigger an interrupt to the host. The MR input can also
be used to bring the device out of Ship mode.
SW
A4
O
Inductor Connection. Connect to the switched side of the external inductor.
SYS
B5
I
System Voltage Sense Connection. Connect SYS to the system output at the output bulk
capacitors. Bypass SYS locally with at least 4.7 µF of effective ceramic capacitance.
LS/LDO
C5
O
Load Switch or LDO output. Connect 1 µF of effective ceramic capacitance to this pin to
assure stability. Be sure to account for capacitance bias voltage derating when selecting the
capacitor.
VINLS
B4, C4
I
Input to the Load Switch / LDO output. Connect 1 µF of effective ceramic capacitance from
this pin to GND.
BAT
B1, B2
I/O
Battery Connection. Connect to the positive terminal of the battery. Bypass BAT to GND with
at least 1 µF of ceramic capacitance.
TS
C3
I
Battery Pack NTC Monitor. Connect TS to the center tap of a resistor divider from VIN to
GND. The NTC is connected from TS to GND. The TS function provides four thresholds for
JEITA compatibility. TS faults are reported by the I2C interface during charge mode.


Similar Part No. - BQ25122YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120 TI1-BQ25120 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPR TI1-BQ25120AYFPR Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPT TI1-BQ25120AYFPT Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
More results

Similar Description - BQ25122YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 68P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25123 TI-BQ25123 Datasheet
3Mb / 72P
[Old version datasheet]   BQ25123 700-nA Low Iq Highly Integrated Battery Charge Management Solution for Wearables
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com