Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATSAMB11XR Datasheet(PDF) 27 Page - Microchip Technology

Part # ATSAMB11XR
Description  Ultra Low Power BLE 4.1 SiP/Module
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATSAMB11XR Datasheet(HTML) 27 Page - Microchip Technology

Back Button ATSAMB11XR Datasheet HTML 23Page - Microchip Technology ATSAMB11XR Datasheet HTML 24Page - Microchip Technology ATSAMB11XR Datasheet HTML 25Page - Microchip Technology ATSAMB11XR Datasheet HTML 26Page - Microchip Technology ATSAMB11XR Datasheet HTML 27Page - Microchip Technology ATSAMB11XR Datasheet HTML 28Page - Microchip Technology ATSAMB11XR Datasheet HTML 29Page - Microchip Technology ATSAMB11XR Datasheet HTML 30Page - Microchip Technology ATSAMB11XR Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
Table 7-1. NVIC Register Summary
Name
Description
ISER
Interrupt Set-Enable Register
ICER
Interrupt Clear-Enable Register
ISPR
Interrupt Set-Pending Register
ICPR
Interrupt Clear-Pending Register
IPR0-IPR7
Interrupt Priority Registers
Note:  For a description of each register, see the Cortex-M0 documentation from ARM.
The Cortex-M0 NVIC is connected to 32 IRQ sources. Some of the interrupt sources are marked reserved
for internal operation of the BLE functionality and ROM code of the ATSAMB11.
The following table lists the interrupts that are available in ATSAMB11. Also, some of the interrupts are
marked as RESERVED as they are used by the BLE stack and are used for firmware in general.
Applications must refrain from registering an ISR for those interrupts as it affects the chip functionality.
Table 7-2. ATSAMB11 Interrupts
ISR index
Interrupt Source
Availability
0
UART0 RX
Available/Muxable
1
UART0 TX
Available/Muxable
2
UART1 RX
Available/Muxable
3
UART1 TX
Available/Muxable
4
SPI0 RX
Available/Muxable
5
SPI0 TX
Available/Muxable
6
SPI1 RX
Available/Muxable
7
SPI1 TX
Available/Muxable
8
I2C0 RX
Available/Muxable
9
I2C0 TX
Available/Muxable
10
I2C1 RX
Available/Muxable
11
I2C1 TX
Available/Muxable
12
Watchdog 0
RESERVED
13
Watchdog 1
Available/Muxable
14
ARM
® Dual Timer
Available/Muxable
15
BLE specific
RESERVED
16
RESERVED
Available/Muxable
17
BLE specific
RESERVED
18
SPI Flash
Available/Muxable
ATSAMB11XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Preliminary
DS70005342A-page 27


Similar Part No. - ATSAMB11XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
More results

Similar Description - ATSAMB11XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
logo
Microchip Technology
ATBTLC1000XR MICROCHIP-ATBTLC1000XR Datasheet
6Mb / 78P
   Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
2017
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
logo
ATMEL Corporation
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
   Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com