Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25122 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25122
Description  Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25122 Datasheet(HTML) 48 Page - Texas Instruments

Back Button BQ25122 Datasheet HTML 44Page - Texas Instruments BQ25122 Datasheet HTML 45Page - Texas Instruments BQ25122 Datasheet HTML 46Page - Texas Instruments BQ25122 Datasheet HTML 47Page - Texas Instruments BQ25122 Datasheet HTML 48Page - Texas Instruments BQ25122 Datasheet HTML 49Page - Texas Instruments BQ25122 Datasheet HTML 50Page - Texas Instruments BQ25122 Datasheet HTML 51Page - Texas Instruments BQ25122 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
48
bq25122
SLUSD33 – NOVEMBER 2017
www.ti.com
Product Folder Links: bq25122
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
This application is for a low power system that has varying loads from less than 10 mA up to 300 mA. It must
work with a valid adaptor or USB power input. Below are some of the key components that are needed in normal
operation. For this example, the fast charge current is 50 mA, input current limit is 400 mA and the pre-charge
and termination current is 10% of the fast charge current.
Supply voltage = 3.4 V to 20 V
Fast charge current is default to 10 mA with ISET pin shorted to ground. To program the fast charge current,
connect an external resistor from ISET to ground.
Input current limit is default to 100 mA with ILIM pin shorted to ground. To program the input current limit,
connect an external resistor from ILIM to ground.
Termination current threshold is default to 2 mA with IPRETERM pin shorted to ground. To program the input
current limit, connect an external resistor from IPRETERM to ground.
A 2.2-µH inductor is needed between SW pin and SYS pin for PWM output.
TS- Battery temperature sense needs a NTC connected on TS pin.
9.2.2 Detailed Design Procedure
See Figure 37 for an example of the application diagram.
9.2.2.1 Default Settings
Connect ISET, ILIM and IPRETERM pins to ground to program fast charge current to 10mA, input current
limit to 100mA and pre-charge/termination current to 2 mA.
BAT_UVLO = 3 V
VSYS = 1.8 V
LS/LDO is LS
VBREG = 4.2 V
VIN_DPM is enabled and VIN_DPM Threshold = 4.6 V.
Safety Timer = 3 hr
If the function is not needed, connect TS to the center tab of the resistor divider between VIN and the ground.
(pull up resistor = 14 kΩ, pull down resistor = 14.3 kΩ)
9.2.2.2 Choose the Correct Inductance and Capacitance
Refer to the Buck (PWM) Output section for the detailed procedure to determine the optimal inductance and
capacitance for the buck output.
9.2.2.3 Calculations
9.2.2.3.1
Program the Fast Charge Current (ISET)
RISET = KISET/ICHG
(10)
KISET = 200 AΩ from the Specifications table
RISET = 200 AΩ / 0.05A = 4 kΩ
(11)
Select the closest standard value, which in this case is 4.99 k
Ω. Connect this resistor between ISET pin and
GND.
9.2.2.3.2
Program the Input Current Limit (ILIM)
RILIM = KILIM/II_MAX
(12)
KILIM = 200 AΩ from the Specifications table
RILIM = 200 AΩ / 0.4A = 500 Ω
(13)
Select the closest standard value, which in this case is 499
Ω. Connect this resistor between ILIM pin and GND.


Similar Part No. - BQ25122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120 TI1-BQ25120 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPR TI1-BQ25120AYFPR Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120AYFPT TI1-BQ25120AYFPT Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
More results

Similar Description - BQ25122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25120A TI1-BQ25120A Datasheet
1Mb / 67P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 68P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25123 TI-BQ25123 Datasheet
3Mb / 72P
[Old version datasheet]   BQ25123 700-nA Low Iq Highly Integrated Battery Charge Management Solution for Wearables
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com