Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1311DWV Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1311DWV
Description  High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1311DWV Datasheet(HTML) 3 Page - Texas Instruments

  AMC1311DWV Datasheet HTML 1Page - Texas Instruments AMC1311DWV Datasheet HTML 2Page - Texas Instruments AMC1311DWV Datasheet HTML 3Page - Texas Instruments AMC1311DWV Datasheet HTML 4Page - Texas Instruments AMC1311DWV Datasheet HTML 5Page - Texas Instruments AMC1311DWV Datasheet HTML 6Page - Texas Instruments AMC1311DWV Datasheet HTML 7Page - Texas Instruments AMC1311DWV Datasheet HTML 8Page - Texas Instruments AMC1311DWV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
VDD1
8
VDD2
2
VIN
7
VOUTP
3
SHTDN
6
VOUTN
4
GND1
5
GND2
Not to scale
3
AMC1311, AMC1311B
www.ti.com
SBAS786 – DECEMBER 2017
Product Folder Links: AMC1311 AMC1311B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
PARAMETER
AMC1311B
AMC1311
High-side supply voltage, VDD1
3.0 V to 5.5 V
4.5 V to 5.5 V
Specified ambient temperature, TA
–55°C to +125°C
–40°C to +125°C
Input offset voltage, VOS
4.5 V
≤ VDD1 ≤ 5.5 V
±1.5 mV
±9.9 mV
3.0 V
≤ VDD1 ≤ 5.5 V
±2.5 mV
Not applicable
Input offset drift, TCVOS
±3 µV/°C (typ), ±15 µV/°C (max)
±20 µV/°C (typ)
Gain error, EG
±0.3%
±1%
Gain error drift, TCEG
±5 ppm/°C (typ), ±45 ppm/°C (max)
±30 ppm/°C (typ)
Common-mode transient immunity, CMTI
75 kV/µs (min)
15 kV/µs (min)
6 Pin Configuration and Functions
DWV Package
8-Pin SOIC
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VDD1
High-side power supply, 3.0 V to 5.5 V for the AMC1311B (4.5 V to 5.5 V for the AMC1311), relative
to GND1.
See the Power Supply Recommendations section for power-supply decoupling recommendations.
2
VIN
I
Analog input
3
SHTDN
I
Shutdown input, active high, with internal pullup resistor (typical value: 100 kΩ)
4
GND1
High-side analog ground
5
GND2
Low-side analog ground
6
VOUTN
O
Inverting analog output
7
VOUTP
O
Noninverting analog output
8
VDD2
Low-side power supply, 3.0 V to 5.5 V, relative to GND2.
See the Power Supply Recommendations section for power-supply decoupling recommendations.


Similar Part No. - AMC1311DWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311 TI1-AMC1311 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311 TI1-AMC1311 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311DWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
[Old version datasheet]   High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com