Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATBTLC1000XR Datasheet(PDF) 74 Page - Microchip Technology

Part # ATBTLC1000XR
Description  Ultra Low Power BLE 4.1 ATBTLC1000-XR1100A SiP/ ATBTLC1000-ZR110CA Module Datasheet
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATBTLC1000XR Datasheet(HTML) 74 Page - Microchip Technology

Back Button ATBTLC1000XR Datasheet HTML 70Page - Microchip Technology ATBTLC1000XR Datasheet HTML 71Page - Microchip Technology ATBTLC1000XR Datasheet HTML 72Page - Microchip Technology ATBTLC1000XR Datasheet HTML 73Page - Microchip Technology ATBTLC1000XR Datasheet HTML 74Page - Microchip Technology ATBTLC1000XR Datasheet HTML 75Page - Microchip Technology ATBTLC1000XR Datasheet HTML 76Page - Microchip Technology ATBTLC1000XR Datasheet HTML 77Page - Microchip Technology ATBTLC1000XR Datasheet HTML 78Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 74 / 78 page
background image
19.
Document Revision History
Doc Rev.
Date
Comments
DS60001505A 7/20/17
1.
Updated figure Customer PCB Top View Footprint
2.
Updated table ATBTLC1000-XR1100A SiP 40 Package Information with
tolerance information and dimensions
3.
Updated pin description for VBAT, RFIO, AO_TM and TPP in Table
ATBTLC1000-XR1100A and ATBTLC1000-ZR110CA Pin Description
4.
Modified block diagram to include representation of GPIO_MS pins
5.
Added information related to host wakeup pin in sections Pinout
Information, ATBTLC1000-XR/ZR Host Microcontroller Interface and
ATBTLC1000 Schematics
6.
Added note to contact technical support for using clock output and RTC
XO on chip trimming capacitor configuration
7.
Added regulatory notice for Canada with TBD IC ID
8.
Updated reference schematics to remove the reference to using
AO_GPIO_1 and AO_GPIO_2 as wakeup sources as this is not
supported
9.
Updated FCCID for the module
10. Removed references to MCU_Only state as this is not applicable for
BTLC1000
11. Removed reference to using 2MHz RC Oscillator as Low power clock for
applications as this is not supported
12. Updated the features list for BLE core. SHA-256 has been removed as
feature as SHA-256 is not used in BLE security
13. Added BoM for reference schematic of ATBTLC1000-ZR110CA
14. Updated power consumption numbers measured based on BluSDK V6.1
15. Updated the IC certification details
16. Migrated to Microchip format. Replaces former Atmel literature number
42749.
42749B
2/2017 Updated tables ATBTLC1000 XR1100A – ZR110CA BLE Receiver
Performance and ATBTLC1000 XR1100A – ZR110CA BLE Transmitter
Performance
42749A
1/2017 Initial document release
ATBTLC1000XR/ZR
© 2017 Microchip Technology Inc.
Datasheet Complete
DS60001505A-page 74


Similar Part No. - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
More results

Similar Description - ATBTLC1000XR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATBTLC1000-MR110CA MICROCHIP-ATBTLC1000-MR110CA Datasheet
997Kb / 44P
   ATBTLC1000-MR110CA Ultra-Low Power BLE Module
2019
ATSAMB11XR MICROCHIP-ATSAMB11XR Datasheet
6Mb / 87P
   Ultra Low Power BLE 4.1 SiP/Module
2017
logo
ATMEL Corporation
ATSAMB11-MR210CA ATMEL-ATSAMB11-MR210CA Datasheet
755Kb / 26P
   Ultra Low Power BLE 4.1 Module
ATBTLC1000 ATMEL-ATBTLC1000 Datasheet
2Mb / 52P
   Ultra Low Power BLE 4.1 SoC
SAMB11QFNSOC ATMEL-SAMB11QFNSOC Datasheet
1Mb / 61P
   Ultra-low Power BLE 4.1 SoC
ATBTLC1000-MR110CA ATMEL-ATBTLC1000-MR110CA Datasheet
578Kb / 26P
   BLE Module
logo
Microchip Technology
BM70 MICROCHIP-BM70 Datasheet
3Mb / 64P
   Bluetooth짰 Low Energy (BLE) Module
07/14/15
logo
NXP Semiconductors
QN9080-001-M17 NXP-QN9080-001-M17 Datasheet
1Mb / 39P
   Ultra Low-Power Bluetooth Smart 5.0 SIP
Rev. 1.0-5 December 2018
logo
International Rectifier
CPV364MU IRF-CPV364MU Datasheet
456Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
CPV362MU IRF-CPV362MU Datasheet
467Kb / 8P
   IGBT SIP MODULE Ultra-Fast IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com