Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMIC120 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMIC120
Description  Sitara Processors
Download  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMIC120 Datasheet(HTML) 2 Page - Texas Instruments

  AMIC120 Datasheet HTML 1Page - Texas Instruments AMIC120 Datasheet HTML 2Page - Texas Instruments AMIC120 Datasheet HTML 3Page - Texas Instruments AMIC120 Datasheet HTML 4Page - Texas Instruments AMIC120 Datasheet HTML 5Page - Texas Instruments AMIC120 Datasheet HTML 6Page - Texas Instruments AMIC120 Datasheet HTML 7Page - Texas Instruments AMIC120 Datasheet HTML 8Page - Texas Instruments AMIC120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 239 page
background image
2
AMIC120
SPRSP09 – DECEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AMIC120
Device Overview
Copyright © 2017, Texas Instruments Incorporated
– 12KB (PRU-ICSS1), 4KB (PRU-ICSS0) of
Instruction RAM With Single-Error Detection
(Parity)
– 8KB (PRU-ICSS1), 4KB (PRU-ICSS0) of
Data RAM With Single-Error Detection
(Parity)
– Single-Cycle 32-Bit Multiplier With 64-Bit
Accumulator
– Enhanced GPIO Module Provides Shift-In
and Shift-Out Support and Parallel Latch on
External Signal
– 12KB (PRU-ICSS1 Only) of Shared RAM With
Single-Error Detection (Parity)
– Three 120-Byte Register Banks Accessible by
Each PRU
– Interrupt Controller Module (INTC) for Handling
System Input Events
– Local Interconnect Bus for Connecting Internal
and External Masters to the Resources Inside
the PRU-ICSS
– Peripherals Inside the PRU-ICSS
– One UART Port With Flow Control Pins,
Supports up to 12 Mbps
– One eCAP Module
– Two MII Ethernet Ports that Support Industrial
Ethernet, such as EtherCAT
– One MDIO Port
– Industrial Communication is Supported by Two
PRU-ICSS Subsystems
• Power, Reset, and Clock Management (PRCM)
Module
– Controls the Entry and Exit of Deep-Sleep
Modes
– Responsible for Sleep Sequencing, Power
Domain Switch-Off Sequencing, Wake-Up
Sequencing, and Power Domain Switch-On
Sequencing
– Clocks
– Integrated High-Frequency Oscillator Used to
Generate a Reference Clock (19.2, 24, 25,
and 26 MHz) for Various System and
Peripheral Clocks
– Supports Individual Clock Enable and Disable
Control for Subsystems and Peripherals to
Facilitate Reduced Power Consumption
– Five ADPLLs to Generate System Clocks
(MPU Subsystem, DDR Interface, USB, and
Peripherals [MMC and SD, UART, SPI, I2C],
L3, and L4)
– Power
– Two Nonswitchable Power Domains (RTC
and Wake-Up Logic [WAKE-UP])
– Two Switchable Power Domains (MPU
Subsystem, Peripherals and Infrastructure
[PER])
– Dynamic Voltage Frequency Scaling (DVFS)
• Real-Time Clock (RTC)
– Real-Time Date (Day, Month, Year, and Day of
Week) and Time (Hours, Minutes, and Seconds)
Information
– Internal 32.768-kHz Oscillator, RTC Logic, and
1.1-V Internal LDO
– Independent Power-On-Reset
(RTC_PWRONRSTn) Input
– Dedicated Input Pin (RTC_WAKEUP) for
External Wake Events
– Programmable Alarm Can Generate Internal
Interrupts to the PRCM for Wakeup or Cortex-
A9 for Event Notification
– Programmable Alarm Can Be Used With
External Output (RTC_PMIC_EN) to Enable the
Power-Management IC to Restore Non-RTC
Power Domains
• Peripherals
– Up to Two USB 2.0 High-Speed Dual-Role
(Host or Device) Ports With Integrated PHY
– Up to Two CAN Ports
– Supports CAN Version 2 Parts A and B
– Up to Two Multichannel Audio Serial Ports
(McASPs)
– Transmit and Receive Clocks up to 50 MHz
– Up to Four Serial Data Pins Per McASP Port
With Independent TX and RX Clocks
– Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S), and Similar Formats
– Supports Digital Audio Interface Transmission
(SPDIF, IEC60958-1, and AES-3 Formats)
– FIFO Buffers for Transmit and Receive
(256 Bytes)
– Up to Six UARTs
– All UARTs Support IrDA and CIR Modes
– All UARTs Support RTS and CTS Flow
Control
– UART1 Supports Full Modem Control
– Up to Five Master and Slave McSPIs
– McSPI0–McSPI2 Support up to Four Chip
Selects
– McSPI3 and McSPI4 Support up to Two Chip
Selects
– Up to 48 MHz
– One Quad-SPI
– Supports eXecute In Place (XIP) from Serial
NOR FLASH
– One Dallas 1-Wire® and HDQ Serial Interface
– Up to Three MMC, SD, and SDIO Ports
– 1-, 4-, and 8-Bit MMC, SD, and SDIO Modes
– 1.8- or 3.3-V Operation on All Ports
– Up to 48-MHz Clock
– Supports Card Detect and Write Protect
– Complies With MMC4.3 and SD and SDIO


Similar Part No. - AMIC120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AMIC110BZCZA TI1-AMIC110BZCZA Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
More results

Similar Description - AMIC120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com