Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1311BDWV Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1311BDWV
Description  High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1311BDWV Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC1311BDWV Datasheet HTML 21Page - Texas Instruments AMC1311BDWV Datasheet HTML 22Page - Texas Instruments AMC1311BDWV Datasheet HTML 23Page - Texas Instruments AMC1311BDWV Datasheet HTML 24Page - Texas Instruments AMC1311BDWV Datasheet HTML 25Page - Texas Instruments AMC1311BDWV Datasheet HTML 26Page - Texas Instruments AMC1311BDWV Datasheet HTML 27Page - Texas Instruments AMC1311BDWV Datasheet HTML 28Page - Texas Instruments AMC1311BDWV Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
SN6501
Copyright © 2017, Texas Instruments Incorporated
D1
VCC
GND2
GND2
D2
0.1 …F
VDD2
10 …F
GND2
VDD2
GND1
20 V
20 V
10 …F
0.1 …F
TLV70450
OUT
IN
GND
10 …F
GND1
VDD1
0.1 …F
1 …F
VOUTP
VOUTN
VDD2
GND2
GND1
SHTDN
VIN
VDD1
AMC1311
VDD1
Detection
0.1 …F
1 …F
GND1
GND2
VDD2
25
AMC1311, AMC1311B
www.ti.com
SBAS786 – DECEMBER 2017
Product Folder Links: AMC1311 AMC1311B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
10 Power Supply Recommendations
In a typical frequency inverter application, the high-side power supply (VDD1) for the AMC1311 is generated
from the low-side supply (VDD2) of the device by an isolated dc-dc converter circuit. A low-cost solution is based
on the push-pull driver SN6501 and a transformer that supports the desired isolation voltage ratings. TI
recommends using a low-ESR decoupling capacitor of 0.1 µF and an additional capacitor of minimum 1 µF for
both supplies of the AMC1311. Place these decoupling capacitors as close as possible to the AMC1311 power-
supply pins to minimize supply current loops and electromagnetic emissions.
The AMC1311 does not require any specific power up sequencing. Consider the analog settling time tAS as
specified in the Switching Characteristics table after ramp up of the VDD1 high-side supply.
Figure 52. SN6501-Based, High-Side Power Supply


Similar Part No. - AMC1311BDWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVQ1 TI1-AMC1311BQDWVQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVRQ1 TI1-AMC1311BQDWVRQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311BDWV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
[Old version datasheet]   High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com