Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1311X Datasheet(PDF) 14 Page - Texas Instruments

Part # AMC1311X
Description  High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1311X Datasheet(HTML) 14 Page - Texas Instruments

Back Button AMC1311X Datasheet HTML 10Page - Texas Instruments AMC1311X Datasheet HTML 11Page - Texas Instruments AMC1311X Datasheet HTML 12Page - Texas Instruments AMC1311X Datasheet HTML 13Page - Texas Instruments AMC1311X Datasheet HTML 14Page - Texas Instruments AMC1311X Datasheet HTML 15Page - Texas Instruments AMC1311X Datasheet HTML 16Page - Texas Instruments AMC1311X Datasheet HTML 17Page - Texas Instruments AMC1311X Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
fIN (kHz)
1
10
100
1000
-360°
-315°
-270°
-225°
-180°
-135°
-90°
-45°
D044
AMC1311B
AMC1311
VIN (V)
-0.1
0.3
0.7
1.1
1.5
1.9
2.3
2.7
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D018
VOUTP
VOUTN
fIN (kHz)
1
2
3 4 5 67 10
20 30 50 70100
200
500 1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
D043
AMC1311B
AMC1311
TCEG (ppm/qC)
0
5
10
15
20
25
30
35
40
D017
Temperature (°C)
-40
-25
-10
5
20
35
50
65
80
95
110 125
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
D015
Device 1
Device 2
Device 3
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
D016
Device 1
Device 2
Device 3
14
AMC1311, AMC1311B
SBAS786 – DECEMBER 2017
www.ti.com
Product Folder Links: AMC1311 AMC1311B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V, SHTDN = 0 V, fIN = 10 kHz, and BW = 100 kHz (unless otherwise noted)
AMC1311
Figure 17. Gain Error vs Temperature
AMC1311B
Figure 18. Gain Error vs Temperature
AMC1311B
Figure 19. Gain Error Drift Histogram
Figure 20. Normalized Gain vs Input Frequency
Figure 21. Output Phase vs Input Frequency
Figure 22. Output Voltage vs Input Voltage


Similar Part No. - AMC1311X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311X-Q1 TI1-AMC1311X-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311X-Q1 TI1-AMC1311X-Q1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
[Old version datasheet]   High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com