Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1311X Datasheet(PDF) 17 Page - Texas Instruments

Part # AMC1311X
Description  High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1311X Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC1311X Datasheet HTML 13Page - Texas Instruments AMC1311X Datasheet HTML 14Page - Texas Instruments AMC1311X Datasheet HTML 15Page - Texas Instruments AMC1311X Datasheet HTML 16Page - Texas Instruments AMC1311X Datasheet HTML 17Page - Texas Instruments AMC1311X Datasheet HTML 18Page - Texas Instruments AMC1311X Datasheet HTML 19Page - Texas Instruments AMC1311X Datasheet HTML 20Page - Texas Instruments AMC1311X Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
VDD2 (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
0
0.5
1
1.5
2
2.5
3
3.5
4
D037
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
0
0.5
1
1.5
2
2.5
3
3.5
4
D038
VDDx (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
D035
IDD1 vs VDD1
IDD2 vs VDD2
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
D036
IDD1
IDD2
VDD2 (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
200
210
220
230
240
250
260
270
280
290
300
D033
AMC1311B
AMC1311
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
200
210
220
230
240
250
260
270
280
290
300
D034
AMC1311B
AMC1311
17
AMC1311, AMC1311B
www.ti.com
SBAS786 – DECEMBER 2017
Product Folder Links: AMC1311 AMC1311B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at VDD1 = 5 V, VDD2 = 3.3 V, SHTDN = 0 V, fIN = 10 kHz, and BW = 100 kHz (unless otherwise noted)
Figure 35. Output Bandwidth vs Low-Side Supply Voltage
Figure 36. Output Bandwidth vs Temperature
3.0 V
≤ VDD1 < 4.5 V for the AMC1311B only
Figure 37. Supply Current vs Supply Voltage
–55°C
≤ TA < –40°C for the AMC1311B only
Figure 38. Supply Current vs Temperature
Figure 39. Output Rise and Fall Time vs
Low-Side Supply Voltage
–55°C
≤ TA < –40°C for the AMC1311B only
Figure 40. Output Rise and Fall Time vs Temperature


Similar Part No. - AMC1311X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311X-Q1 TI1-AMC1311X-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311X-Q1 TI1-AMC1311X-Q1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
[Old version datasheet]   High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com