Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1311B Datasheet(PDF) 10 Page - Texas Instruments

Part # AMC1311B
Description  High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1311B Datasheet(HTML) 10 Page - Texas Instruments

Back Button AMC1311B Datasheet HTML 6Page - Texas Instruments AMC1311B Datasheet HTML 7Page - Texas Instruments AMC1311B Datasheet HTML 8Page - Texas Instruments AMC1311B Datasheet HTML 9Page - Texas Instruments AMC1311B Datasheet HTML 10Page - Texas Instruments AMC1311B Datasheet HTML 11Page - Texas Instruments AMC1311B Datasheet HTML 12Page - Texas Instruments AMC1311B Datasheet HTML 13Page - Texas Instruments AMC1311B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
VIN
VOUTP
VOUTN
50% - 10%
2 V
0 V
50%
50% - 50%
50% - 90%
10%
50%
tr
tf
VCMout
10
AMC1311, AMC1311B
SBAS786 – DECEMBER 2017
www.ti.com
Product Folder Links: AMC1311 AMC1311B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time of VOUTP, VOUTN
See Figure 1
1.3
µs
tf
Fall time of VOUTP, VOUTN
See Figure 1
1.3
µs
VIN to VOUTN, VOUTP signal
delay
(50% – 10%)
AMC1311, unfiltered output, see Figure 1
1.5
2.5
µs
AMC1311B, unfiltered output, see Figure 1
1.0
1.5
VIN to VOUTN, VOUTP signal
delay
(50% – 50%)
AMC1311, unfiltered output, see Figure 1
2.1
3.1
µs
AMC1311B, unfiltered output, see Figure 1
1.6
2.1
VIN to VOUTN, VOUTP signal
delay
(50% – 90%)
AMC1311, unfiltered output, see Figure 1
3.0
4.0
µs
AMC1311B, unfiltered output, see Figure 1
2.5
3.0
tAS
Analog settling time
VDD1 step to 3.0 V with VDD2
≥ 3.0 V,
to VOUTP, VOUTN valid, 0.1% settling
50
100
µs
tEN
Device enable time
SHTDN high to low
50
100
µs
tSHTDN
Shutdown time
SHTDN low to high
3
10
µs
Figure 1. Rise, Fall, and Delay Time Waveforms


Similar Part No. - AMC1311B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311B-Q1 TI1-AMC1311B-Q1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVQ1 TI1-AMC1311BQDWVQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311BQDWVRQ1 TI1-AMC1311BQDWVRQ1 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
More results

Similar Description - AMC1311B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1311-Q1 TI1-AMC1311-Q1 Datasheet
909Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1311-Q1 TI1-AMC1311-Q1_18 Datasheet
910Kb / 34P
[Old version datasheet]   High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
AMC1211-Q1 TI1-AMC1211-Q1 Datasheet
873Kb / 33P
[Old version datasheet]   High-Impedance, 2-V Input, Basic Isolated Amplifiers
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
AMC1351 TI-AMC1351 Datasheet
2Mb / 36P
[Old version datasheet]   AMC1351 Precision, 5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350_V01 Datasheet
2Mb / 37P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
DECEMBER 2021
AMC1350 TI-AMC1350 Datasheet
1Mb / 28P
[Old version datasheet]   AMC1350 Precision, 짹5-V Input, Reinforced Isolated Amplifier
SBASAA6 ??AUGUST 2021
logo
Intersil Corporation
HA-2600 INTERSIL-HA-2600 Datasheet
110Kb / 7P
   12MHz, High Input Impedance Operational Amplifiers
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com