Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ACT573TTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74ACT573TTR
Description  OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT573TTR Datasheet(HTML) 5 Page - STMicroelectronics

  74ACT573TTR Datasheet HTML 1Page - STMicroelectronics 74ACT573TTR Datasheet HTML 2Page - STMicroelectronics 74ACT573TTR Datasheet HTML 3Page - STMicroelectronics 74ACT573TTR Datasheet HTML 4Page - STMicroelectronics 74ACT573TTR Datasheet HTML 5Page - STMicroelectronics 74ACT573TTR Datasheet HTML 6Page - STMicroelectronics 74ACT573TTR Datasheet HTML 7Page - STMicroelectronics 74ACT573TTR Datasheet HTML 8Page - STMicroelectronics 74ACT573TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74ACT573
5/11
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/n (per circuit)
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = R1 = 500Ω or equivalent
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
4
pF
COUT
Output
Capacitance
5.0
8
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
fIN = 10MHz
25
pF
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
2VCC
tPZH, tPHZ
Open


Similar Part No. - 74ACT573TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT573 STMICROELECTRONICS-74ACT573 Datasheet
79Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74ACT573 FAIRCHILD-74ACT573 Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
74ACT573 FAIRCHILD-74ACT573 Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
74ACT573MTC FAIRCHILD-74ACT573MTC Datasheet
88Kb / 10P
   Octal Latch with 3-STATE Outputs
74ACT573MTC FAIRCHILD-74ACT573MTC Datasheet
275Kb / 13P
   Octal Latch with 3-STATE Outputs
More results

Similar Description - 74ACT573TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT373 STMICROELECTRONICS-74ACT373_01 Datasheet
241Kb / 11P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT374MTR STMICROELECTRONICS-74ACT374MTR Datasheet
243Kb / 11P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TD74BC574P TOSHIBA-TD74BC574P Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with 3-State Outputs (Non-Inverted)
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74ACT374 STMICROELECTRONICS-74ACT374_01 Datasheet
237Kb / 11P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS (NON INVERTED)
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
logo
National Semiconductor ...
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
   TRI-STATE-R Octal D-Type Latch with Inverted Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com