Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC162244A Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74LVC162244A
Description  16-bit buffer/line driver, 30 OHM series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC162244A Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC162244A Datasheet HTML 7Page - NXP Semiconductors 74LVC162244A Datasheet HTML 8Page - NXP Semiconductors 74LVC162244A Datasheet HTML 9Page - NXP Semiconductors 74LVC162244A Datasheet HTML 10Page - NXP Semiconductors 74LVC162244A Datasheet HTML 11Page - NXP Semiconductors 74LVC162244A Datasheet HTML 12Page - NXP Semiconductors 74LVC162244A Datasheet HTML 13Page - NXP Semiconductors 74LVC162244A Datasheet HTML 14Page - NXP Semiconductors 74LVC162244A Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
2003 Dec 12
11
Philips Semiconductors
Product specification
16-bit buffer/line driver, 30
Ω series termination
resistors; 5 V tolerant input/output; 3-state
74LVC162244A;
74LVCH162244A
handbook, full pagewidth
MNA362
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nOE input
VI
VOL
VOH
VCC
VM
GND
GND
tPZL
tPZH
VM
VM
Fig.6 3-state enable and disable times.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
VX =VOL +0.3VatVCC ≥ 2.7 V;
VX =VOL +0.1VatVCC < 2.7 V;
VY =VOH − 0.3VatVCC ≥ 2.7 V;
VY =VOH − 0.1VatVCC < 2.7 V.


Similar Part No. - 74LVC162244A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
logo
Nexperia B.V. All right...
74LVC162244A NEXPERIA-74LVC162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVC162244ADGG PHILIPS-74LVC162244ADGG Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
logo
Nexperia B.V. All right...
74LVC162244ADGG NEXPERIA-74LVC162244ADGG Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
Texas Instruments
74LVC162244ADGGRE4 TI-74LVC162244ADGGRE4 Datasheet
387Kb / 18P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVC162244A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT16244 PERICOM-PI74LPT16244 Datasheet
137Kb / 5P
   3.3V, 16-Bit Buffer/Line Driver
PI74LPT16244 PERICOM-PI74LPT16244_08 Datasheet
408Kb / 6P
   3.3V, 16-Bit Buffer/Line Driver
logo
NXP Semiconductors
74ABT162244 PHILIPS-74ABT162244_15 Datasheet
112Kb / 15P
   16-bit buffer/line driver with 30 ??series termination resistors; 3-state
Rev. 6-3 November 2011
logo
Fairchild Semiconductor
74ABT162244CSSC FAIRCHILD-74ABT162244CSSC Datasheet
81Kb / 7P
   16-Bit Buffer/Line Driver with 25 OHM Series Resistors in the Outputs
logo
NXP Semiconductors
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
   16-bit buffer/line driver 3-State
1998 Jan 16
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
   16-bit buffer/line driver 3-State
1998 May 19
logo
ON Semiconductor
74LCX162244 ONSEMI-74LCX162244 Datasheet
325Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised May 2005
74LVT162244 ONSEMI-74LVT162244 Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74VCX162244 ONSEMI-74VCX162244 Datasheet
231Kb / 12P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com