Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8168 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8168
Description  8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8168 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS8168 Datasheet HTML 45Page - Texas Instruments ADS8168 Datasheet HTML 46Page - Texas Instruments ADS8168 Datasheet HTML 47Page - Texas Instruments ADS8168 Datasheet HTML 48Page - Texas Instruments ADS8168 Datasheet HTML 49Page - Texas Instruments ADS8168 Datasheet HTML 50Page - Texas Instruments ADS8168 Datasheet HTML 51Page - Texas Instruments ADS8168 Datasheet HTML 52Page - Texas Instruments ADS8168 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
49
ADS8168
www.ti.com
SBAS817 – NOVEMBER 2017
Product Folder Links: ADS8168
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 37. AUTO_SEQ_CFG1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
EN_AIN7
R/W
0b
Enable analog input channel 7 in sequence in the auto channel sequence
mode, see the Auto Sequence Mode section.
0b = AIN7 not enabled in scanning sequence.
1b = AIN7 enabled in scanning sequence.
6
EN_AIN6
R/W
0b
Enable analog input channel 6 in sequence in the auto channel sequence
mode.
0b = AIN6 not enabled in scanning sequence.
1b = AIN6 enabled in scanning sequence.
5
EN_AIN5
R/W
0b
Enable analog input channel 5 in sequence in the auto channel sequence
mode.
0b = AIN5 not enabled in scanning sequence.
1b = AIN5 enabled in scanning sequence.
4
EN_AIN4
R/W
0b
Enable analog input channel 4 in sequence in the auto channel sequence
mode.
0b = AIN4 not enabled in scanning sequence.
1b = AIN4 enabled in scanning sequence.
3
EN_AIN3
R/W
0b
Enable analog input channel 3 in sequence in the auto channel sequence
mode.
0b = AIN3 not enabled in scanning sequence.
1b = AIN3 enabled in scanning sequence.
2
EN_AIN2
R/W
0b
Enable analog input channel 2 in sequence in the auto channel sequence
mode.
0b = AIN2 not enabled in scanning sequence.
1b = AIN2 enabled in scanning sequence.
1
EN_AIN1
R/W
0b
Enable analog input channel 1 in sequence in the auto channel sequence
mode.
0b = AIN1 not enabled in scanning sequence.
1b = AIN1 enabled in scanning sequence.
0
EN_AIN0
R/W
0b
Enable analog input channel 0 in sequence in the auto channel sequence
mode.
0b = AIN0 not enabled in scanning sequence.
1b = AIN0 enabled in scanning sequence.
7.6.4.7 AUTO_SEQ_CFG2 Register (address = 082h) [reset = 00h]
This register enables sequence loop for Auto Channel Sequence mode.
Figure 54. AUTO_SEQ_CFG2 Register
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
AUTO_REPEA
T
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R/W-0b
Table 38. AUTO_SEQ_CFG2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
R
000
0000b
Reserved bits. Reads return 000 0000b.
0
AUTO_REPEAT
R/W
0b
Enables looping the sequence indefinitely in Auto Channel Sequence
mode.
0b = Sequence will terminate after all enabled channels have been
scanned.
1b = Sequence will repeat from the lowest enabled channel after
scanning all enabled channels.


Similar Part No. - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8168 TI1-ADS8168 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168 TI1-ADS8168 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8168IRHBR TI1-ADS8168IRHBR Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
More results

Similar Description - ADS8168

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8166 TI1-ADS8166_18 Datasheet
1Mb / 83P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166_19 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166_1812 TI1-ADS8166_1812 Datasheet
2Mb / 93P
[Old version datasheet]   8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
logo
Analog Devices
AD7298-1 AD-AD7298-1_17 Datasheet
764Kb / 25P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
   8-Channel, 1 MSPS, 10-Bit SAR ADC
AD4695 AD-AD4695 Datasheet
1Mb / 96P
   16-Bit, 16-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADCs
AD7667 AD-AD7667 Datasheet
336Kb / 23P
   16-Bit 1 MSPS SAR Unipolar ADC with Ref
REV. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com