Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142IRUGT Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7142IRUGT
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142IRUGT Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS7142IRUGT Datasheet HTML 28Page - Texas Instruments ADS7142IRUGT Datasheet HTML 29Page - Texas Instruments ADS7142IRUGT Datasheet HTML 30Page - Texas Instruments ADS7142IRUGT Datasheet HTML 31Page - Texas Instruments ADS7142IRUGT Datasheet HTML 32Page - Texas Instruments ADS7142IRUGT Datasheet HTML 33Page - Texas Instruments ADS7142IRUGT Datasheet HTML 34Page - Texas Instruments ADS7142IRUGT Datasheet HTML 35Page - Texas Instruments ADS7142IRUGT Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
>
@
k
T
f
SCL
S
u
18
1000
32
ADS7142
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.2 Manual Mode
On power-up, the device is in Manual Mode using the single ended and dual channel configuration and starts by
sampling the analog input applied on Channel 0. In this mode, the device uses the high frequency oscillator for
conversions. Manual mode allows the external host processor to directly request and control when the data is
sampled. The data capture is initiated by an I2C command from the host processor and the data is then returned
over the I2C bus at a throughput rate of up to 140-kSPS. Applications that could take advantage of this type of
functionality include traditional ADC applications that require 1 or 2 channels of continuous data output.
After setting the operation mode to Manual Mode as illustrated in Figure 54, steps for operating the device to be
in Manual Mode and reading data are illustrated in Figure 55. The host can either configure the device to scan
through
one
channel
or
both
channels
by
configuring
the
CHANNEL_INPUT_CFG
register
and
AUTO_SEQ_CFG register.
7.4.2.1 Manual Mode with CH0 Only
Set the OPMODE_SEL register to 000b or 001b for Manual Mode with CH0 only. The host has to provide device
address and read bit to start the conversions. To continue with conversions and reading data to the host must
provide continuous SCL (Figure 56). In this mode, a NACK followed by a STOP condition in I2C frame is required
to abort the operation. Then the device operation mode can be changed to another operation mode.
7.4.2.2 Manual Mode with AUTO Sequence
Set the OPMODE_SEL register to 100b or 101b for Manual Mode with AUTO Sequence. The host has to set the
SEQ_START bit in START_SEQUENCE register and provide the device address and read bit to start the
conversions. To continue with conversions and reading data, the host must provide continuous SCL (Figure 56).
In this mode, the SEQ_ABORT bit in ABORT_SEQUENCE register must be set to abort the operation. Then the
device operation mode can be changed to another operation mode. In this mode, a register read aborts the
AUTO sequence.
In Manual Mode, the device always uses the High Speed Oscillator and the nCLK parameter has no effect. The
maximum scan rate is given by Equation 7:
fs = Maximum sampling Speed in kSPS
TSCL= Time period of SCL clock (in µsec)
if TSCL-LOW (Low period of SCL) < 1.8.µsec, k = (1.8 - TSCL-LOW) and Device stretches clock in Manual Mode. Not
Applicable for Standard I
2C Mode (100 kHz).
if TSCL-LOW (Low period of SCL) ≥ 1.8.µsec, k = 0 and Device does not stretch clock in Manual Mode.
(7)


Similar Part No. - ADS7142IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142 TI1-ADS7142 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142IRUGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com