Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142IRUGR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7142IRUGR
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142IRUGR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS7142IRUGR Datasheet HTML 2Page - Texas Instruments ADS7142IRUGR Datasheet HTML 3Page - Texas Instruments ADS7142IRUGR Datasheet HTML 4Page - Texas Instruments ADS7142IRUGR Datasheet HTML 5Page - Texas Instruments ADS7142IRUGR Datasheet HTML 6Page - Texas Instruments ADS7142IRUGR Datasheet HTML 7Page - Texas Instruments ADS7142IRUGR Datasheet HTML 8Page - Texas Instruments ADS7142IRUGR Datasheet HTML 9Page - Texas Instruments ADS7142IRUGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
6
ADS7142
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
LSB means least significant byte. Refer to ADC Transfer Function for details.
(2)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.5 dB below full-scale,
unless otherwise specified.
(3)
Calculated on the first nine harmonics of the input frequency.
6.6 Electrical Characteristics - Manual Mode
At TA = -40°C to 125°C, AVDD = 3V, DVDD = 1.65 to 3.6V, All Channel Configurations, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sampling Dynamics
tconv
Conversion Time
AVDD = 1.65 to 3.6V
1.8
µs
tacq
Acquistion Time
AVDD = 1.65 to 3.6V
18
TSCL
tcycle
Cycle Time
AVDD = 1.65 to 3.6V
(tconv +
tacq)
µs
DC Specifications
Resolution
12
Bits
NMC
No Missing Codes
AVDD = 1.65 to 3.6V
12
Bits
DNL
Differential nonlinerity
AVDD = 1.65 to 3.6V
–0.99
±0.3
1
LSB(1)
INL
Integral nonlinearity
–2.75
±0.5
2.75
LSB
EO
Offset Error
Post Offset Calibration
–2.9
±0.5
2.9
LSB
dVOS/dT
Offset Drift with Temperature
Post Offset Calibration
5
ppm/°C
EG
Gain Error
–0.1
±0.03
0.1
%FSR
Gain Error Drift with
Temperature
5
ppm/°C
AC Specifications
SNR(2)
Signal-to-Noise Ratio
fin = 2 kHz, AVDD = 3 V, fsample =140 kSPS
68.75
71.4
dB
fin = 2 kHz, AVDD = 1.8 V, fsample =140
kSPS
69.2
dB
THD(2) (3)
Total Harmonic Distortion
fin = 2 kHz, AVDD = 3 V, fsample =140 kSPS
–87.0
dB
fin = 2 kHz, AVDD = 1.8 V, fsample =140
kSPS
–84.0
dB
SINAD(2)
Signal-to-Noise and distortion
fin = 2 kHz, AVDD = 3 V, fsample =140 kSPS
68.5
71.2
dB
fin = 2 kHz, AVDD = 1.8 V, fsample =140
kSPS
69.0
dB
SFDR(2)
Spurious Free dynamic range
fin = 2 kHz, AVDD = 3 V, fsample =140 kSPS
91.0
dB
BW
-3dB Small Signal Bandwidth
25.0
MHz
Power Consumption
IAVDD
Analog Supply Current
fsample =140 kSPS, SCL = 3.4 MHz
265
300
µA
fsample =5.5 kSPS, SCL = 100 kHz
8
µA
fsample =140 kSPS, SCL = 3.4 MHz, AVDD =
1.8 V
160
µA
fsample =5.5 kSPS, SCL = 100 kHz, AVDD =
1.8 V
5
µA
IDVDD
Digital Supply Current
fsample =140 kSPS, SCL = 3.4 MHz, SDA =
AAA0h
25
µA
fsample =5.5 kSPS, SCL = 100 kHz, AVDD =
1.8 V, SDA = AAA0h
1.5
µA
IAVDD
Static Analog Supply Current
No Activity on SCL and SDA, BUSY/RDY
Low
6
nA
IDVDD
Static Analog Supply Current
No Activity on SCL and SDA, BUSY/RDY
Low
2
nA


Similar Part No. - ADS7142IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142 TI1-ADS7142 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com