Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7142
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS7142 Datasheet HTML 5Page - Texas Instruments ADS7142 Datasheet HTML 6Page - Texas Instruments ADS7142 Datasheet HTML 7Page - Texas Instruments ADS7142 Datasheet HTML 8Page - Texas Instruments ADS7142 Datasheet HTML 9Page - Texas Instruments ADS7142 Datasheet HTML 10Page - Texas Instruments ADS7142 Datasheet HTML 11Page - Texas Instruments ADS7142 Datasheet HTML 12Page - Texas Instruments ADS7142 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
9
ADS7142
www.ti.com
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Timing Requirements (continued)
At TA = -40°C to 125°C, AVDD = 3V, DVDD = 1.65 to 3.6V, All Channel Configurations, unless otherwise noted.
(1)
PARAMETER
Test Conditions
MIN
MAX
UNIT
tSU-DAT
data setup time
10
ns
tSU-STO
setup-up time for STOP condition
160
ns
Cb
capacitive load on each line
400
pF
High Speed mode (3.4 MHz) Cb = 100 pF (Max) Figure 2
fSCLH
SCLH clock frequency
0
3.4
MHz
tHD-STA
Hold time (repeated) START condition
160
ns
tLOW
Low period of SCL
160
ns
tHIGH
High period of SCL
60
ns
tSU-STA
set-up time for a repeated start condition
160
ns
tHD-DAT
data hold time
0
70
ns
tSU-DAT
data setup time
10
ns
tSU-STO
setup-up time for STOP condition
160
ns
Cb
capacitive load on each line
100
pF
(1)
All values referred to VIH(min) ( 0.7 DVDD ) and VIL(max) ( 0.3 DVDD )
(2)
tVD-DAT = time for data signal from SCL LOW to SDA output.
(3)
Input filters on the SDA and SCL inputs suppress noise spikes of less than 50 ns.
6.10 Switching Characteristics
At TA = -40°C to 125°C, AVDD = 3V, DVDD = 1.65 to 3.6V, All Channel Configurations, unless otherwise noted.
(1)
PARAMETER
Test Conditions
MIN
MAX
UNIT
Standard-mode (100 kHz) Figure 1
trCL
Rise time of SCL
1000
ns
trDA
Rise time of SDA
1000
ns
tfCL
Fall time of SCL
300
ns
tfDA
Fall time of SDA
300
ns
tVD-DAT
(2)
data valid time
3.45
µs
tVD-ACK
(2)
data hold time
3.45
µs
Fast-mode (400 kHz) Figure 1
trCL
Rise time of SCL
20
300
ns
trDA
Rise time of SDA
20
300
ns
tfCL
Fall time of SCL
20 × DVDD/3.6
300
ns
tfDA
Fall time of SDA
20 × DVDD/3.6
300
ns
tVD-DAT
data valid time
0.9
µs
tVD-ACK
data hold time
0.9
µs
tSP
(3)
pulse width of spikes suppressed by the
input filter
0
50
ns
Fast-mode Pus (1000 kHz) Figure 1
trCL
Rise time of SCL
120
ns
trDA
Rise time of SDA
120
ns
tfCL
Fall time of SCL
20 × DVDD/3.6
120
ns
tfDA
Fall time of SDA
20 × DVDD/3.6
120
ns
tVD-DAT
data valid time
0.45
µs
tVD-ACK
data hold time
0.45
µs
tSP
pulse width of spikes suppressed by the
input filter
0
50
ns
High Speed mode (1.7 MHz) Cb = 400 pF (Max) Figure 2
trCL
Rise time of SCLH
20
80
ns


Similar Part No. - ADS7142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142 TI1-ADS7142 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com