Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS7142
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS7142_17 Datasheet HTML 24Page - Texas Instruments ADS7142_17 Datasheet HTML 25Page - Texas Instruments ADS7142_17 Datasheet HTML 26Page - Texas Instruments ADS7142_17 Datasheet HTML 27Page - Texas Instruments ADS7142_17 Datasheet HTML 28Page - Texas Instruments ADS7142_17 Datasheet HTML 29Page - Texas Instruments ADS7142_17 Datasheet HTML 30Page - Texas Instruments ADS7142_17 Datasheet HTML 31Page - Texas Instruments ADS7142_17 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 74 page
background image
Device Address (7 Bits)
Register Read or Block Read
Opcode (8 Bits)
A
Register Address (8 Bits)
W
A
A
P/Sr
Data from Host to Device
Data from Device to Host
S
28
ADS7142
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3.11 Device Programming
Table 3 provides the acronyms for different conditions in an I2C Frame.
Table 3. I2C Frame Acronyms
Symbol
Description
S
Start condition for I2C Frame
Sr
Re-start condition for I2C Frame
P
Stop condition for I2C Frame
A
ACK (Low)
N
NACK (High)
R
Read Bit (High)
W
Write Bit (Low)
Table 4. Opcodes for Commands
Opcode
Command Description
00010000b
Single Register Read
00001000b
Single Register Write
00011000b
Set Bit
00100000b
Clear Bit
00110000b
Reading a continuous block of registers
00101000b
Writing a continuous block of registers
7.3.11.1 Reading Registers
The I2C master can either read a single register or a continuous block registers from the device as described in
Single Register Read and in Reading a Continuous Block of Registers.
7.3.11.1.1
Single Register Read
To read a single register from the device, the I2C master has to first provide an I2C command with three frames
(of 8-bits each) to set the address as illustrated in Figure 49. The register address is the address of the register
which must be read. The opcode for register read command is listed in Table 4.
Figure 49. Setting Register Address for Reading Registers
After this, the I2C master has to provide another I2C frame containing the device address and read bit as
illustrated in Figure 50. After this frame, the device provides register data. If the host provides more clocks, the
device provides same register data. To end the register read command, the master has to provide a STOP or a
RESTART condition in the I2C frame.


Similar Part No. - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1_V01 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCRQ1 TI1-ADS7142QDQCRQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCTQ1 TI1-ADS7142QDQCTQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com