Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7142 Datasheet(PDF) 23 Page - Texas Instruments

Part # ADS7142
Description  Nanopower, Dual-Channel, Programmable Sensor Monitor
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7142 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS7142_17 Datasheet HTML 19Page - Texas Instruments ADS7142_17 Datasheet HTML 20Page - Texas Instruments ADS7142_17 Datasheet HTML 21Page - Texas Instruments ADS7142_17 Datasheet HTML 22Page - Texas Instruments ADS7142_17 Datasheet HTML 23Page - Texas Instruments ADS7142_17 Datasheet HTML 24Page - Texas Instruments ADS7142_17 Datasheet HTML 25Page - Texas Instruments ADS7142_17 Datasheet HTML 26Page - Texas Instruments ADS7142_17 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 74 page
background image
Copyright © 2017, Texas Instruments Incorporated
R1
R2
AVDD
ADDR
23
ADS7142
www.ti.com
SBAS773A – SEPTEMBER 2017 – REVISED DECEMBER 2017
Product Folder Links: ADS7142
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Tolerance for R1,R2 < ±5%
(2)
DNP = Do not populate
Figure 45. External Resistor Connection Diagram for ADDR Pin
Table 2. I2C Address Selection
Resistors
Address
R1 (1)
R2(1)
0 Ω
DNP(2)
0011111b (1Fh)
11 kΩ
DNP(2)
0011110b (1Eh)
33 kΩ
DNP(2)
0011101b (1Dh)
100 kΩ
DNP(2)
0011100b (1Ch)
DNP(2)
0Ω or DNP(2)
0011000b (18h)
DNP(2)
11 kΩ
0011001b (19h)
DNP(2)
33 kΩ
0011010b (1Ah)
DNP(2)
100 kΩ
0011011b (1Bh)
7.3.7 Data Buffer
When operating in Autonomous Monitoring Mode, the device can use the internal data buffer for data storage.
The internal data buffer is 16-bit wide and 16-word deep and follows the FIFO (first-in, first-out) approach.
7.3.7.1 Filling of the Data Buffer
The write operation to the data buffer starts and stops as per the settings in the DATA_BUFFER_OPMODE
register. The DATA_BUFFER_STATUS register provides the number of entries filled in the data buffer and this
register
can
be
read
during
an
active
sequence
to
get
the
current
status
of
the
data
buffer.
The time between two consecutive conversions is set by the nCLK register and Equation 3 provides the
relationship for time between two consecutive conversions of the same channel and nCLK parameter.
tcc = k x nCLK x OscillatorTimePeriod
where
tcc is time between two consecutive conversions of same channel, tcc = k × tcycle .
k is number of channels enabled in the device sequence.
nCLK is number of clocks used by device for one conversion cycle.
Oscillator Timer Period is tLPO or tHSO depending on OSC_SEL value . Refer to the Specifications for tLPO or
tHSO .
(3)
The format of the 16-bit contents of each entry in the data buffer are set by programming the DATA_OUT_CFG
register. The DATA_OUT_CFG register enables the Channel ID and DATA_VALID flag in data buffer. Channel
ID represents the channel number for the data entry in the data buffer. DATA_VALID is set to zero in either of
the following conditions:


Similar Part No. - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1_V01 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCRQ1 TI1-ADS7142QDQCRQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142QDQCTQ1 TI1-ADS7142QDQCTQ1 Datasheet
2Mb / 75P
[Old version datasheet]   ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
More results

Similar Description - ADS7142_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
[Old version datasheet]   Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
   Dual channel programmable angle sensor
Rev. 1-24 May 2012
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
   Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
   Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
   Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
   Dual Programmable Linear Hall Effect Sensor
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
   Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
   nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com