Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0045 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3C0045
Description  SMA Female to SMA Female Cable Using LMR-100 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0045 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C0045 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0045 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0045 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-sma-female-lmr100-cable-assembly-pe3c0045-p.aspx
SMA Female to SMA Female Cable Using LMR-100 Coax from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
SMA Female to SMA Female Cable Using LMR-100 Coax
PE3C0045 REV
PE3C0045


Similar Part No. - PE3C0045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0045-12 PASTERNACK-PE3C0045-12 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 12 Inch Length Using LMR-100 Coax
PE3C0045-24 PASTERNACK-PE3C0045-24 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 24 Inch Length Using LMR-100 Coax
PE3C0045-36 PASTERNACK-PE3C0045-36 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 36 Inch Length Using LMR-100 Coax
PE3C0045-48 PASTERNACK-PE3C0045-48 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 48 Inch Length Using LMR-100 Coax
PE3C0045-60 PASTERNACK-PE3C0045-60 Datasheet
340Kb / 3P
   SMA Female to SMA Female Cable 60 Inch Length Using LMR-100 Coax
More results

Similar Description - PE3C0045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0045-12 PASTERNACK-PE3C0045-12 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 12 Inch Length Using LMR-100 Coax
PE3C0045-36 PASTERNACK-PE3C0045-36 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 36 Inch Length Using LMR-100 Coax
PE3C0045-48 PASTERNACK-PE3C0045-48 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 48 Inch Length Using LMR-100 Coax
PE3C0045-24 PASTERNACK-PE3C0045-24 Datasheet
329Kb / 3P
   SMA Female to SMA Female Cable 24 Inch Length Using LMR-100 Coax
PE3C0045-60 PASTERNACK-PE3C0045-60 Datasheet
340Kb / 3P
   SMA Female to SMA Female Cable 60 Inch Length Using LMR-100 Coax
PE33254 PASTERNACK-PE33254 Datasheet
352Kb / 4P
   SMA Female to SMA Female Cable Using RG223 Coax
PE3931 PASTERNACK-PE3931 Datasheet
424Kb / 3P
   SMA Female to SMA Female Cable Using RG402 Coax
PE3C4426 PASTERNACK-PE3C4426 Datasheet
435Kb / 5P
   SMA Female to SSMC Plug Low Loss Cable Using LMR-100 Coax
PE3C0057 PASTERNACK-PE3C0057 Datasheet
347Kb / 3P
   SMA Male to SMA Male Cable Using LMR-100 Coax
PE3C4428 PASTERNACK-PE3C4428 Datasheet
464Kb / 5P
   SMA Female Bulkhead to SSMC Plug Low Loss Cable Using LMR-100 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com