Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7054 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7054
Description  14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7054 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7054 Datasheet HTML 17Page - Texas Instruments ADS7054 Datasheet HTML 18Page - Texas Instruments ADS7054 Datasheet HTML 19Page - Texas Instruments ADS7054 Datasheet HTML 20Page - Texas Instruments ADS7054 Datasheet HTML 21Page - Texas Instruments ADS7054 Datasheet HTML 22Page - Texas Instruments ADS7054 Datasheet HTML 23Page - Texas Instruments ADS7054 Datasheet HTML 24Page - Texas Instruments ADS7054 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Sample
A
Sample
A+1
tCONV
tACQ
tCYCLE
1
2
3
0
D13
D12
Data Output for Sample A-1
0
0
tph_CS
SCLK
SDO
CS
15
D0
16
17
18
0
21
ADS7054
www.ti.com
SBAS859 – DECEMBER 2017
Product Folder Links: ADS7054
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2 CNV State
In the CNV state, the device uses the external clock to convert the sampled analog input signal to an equivalent
digital code as per the transfer function illustrated in Figure 35. The conversion process requires a minimum of
18 SCLK falling edges to be provided within the frame. After the end of conversion process, the device
automatically moves from the CNV state to the ACQ state. For acquisition of the next sample, a minimum time of
tACQ must be provided.
Figure 37 shows a detailed timing diagram for the serial interface. In the first serial transfer frame after power-up,
the device provides the first data as all zeros. In any frame, the clocks provided on the SCLK pin are also used to
transfer the output data for the previous conversion. A leading 0 is output on the SDO pin on the CS falling edge.
The most significant bit (MSB) of the output data is launched on the SDO pin on the rising edge after the first
SCLK falling edge. Subsequent output bits are launched on the subsequent rising edges provided on SCLK.
When all 14 output bits are shifted out, the device outputs 0's on the subsequent SCLK rising edges. The device
enters the ACQ state after 18 clocks and a minimum time of tACQ must be provided for acquiring the next sample.
If the device is provided with less than 18 SCLK falling edges in the present serial transfer frame, the device
provides an invalid conversion result in the next serial transfer frame.
Figure 37. Serial Interface Timing Diagram


Similar Part No. - ADS7054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7052IRUGR TI1-ADS7052IRUGR Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7056IRUGR TI1-ADS7056IRUGR Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
More results

Similar Description - ADS7054

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
logo
Microchip Technology
MCP33151D-XX MICROCHIP-MCP33151D-XX Datasheet
3Mb / 66P
   1 Msps/500 kSPS, 14/12-Bit Differential Input SAR ADC
05/14/19
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7039-Q1 TI1-ADS7039-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Small-Size, Low-Power, 10-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com