Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD4148SE Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # MMBD4148SE
Description  Surface mount switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

MMBD4148SE Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  MMBD4148SE Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. MMBD4148SE Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. MMBD4148SE Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
V(BR)R1
100
V
IR=100μA
Reverse Breakdown Voltage
V(BR)R2
75
V
IR=5μA
Forward voltage
VF
1
V
IF=10mA
IR1
25
nA
VR=20V
Reverse current
IR2
5
μA
VR=75V
Diode Capacitance
CD
4
pF
VR=0V,f=1MHz
Reverse Recovery Time
trr
4
ns
IF=10mA,VR=6V
Irr=0.1*IR,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.shunyegroup.com.cn


Similar Part No. - MMBD4148SE

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD4148SE FAIRCHILD-MMBD4148SE Datasheet
63Kb / 4P
   Small Signal Diode
logo
Guangdong Kexin Industr...
MMBD4148SE KEXIN-MMBD4148SE Datasheet
935Kb / 2P
   Switching Diodes
logo
Rectron Semiconductor
MMBD4148SE RECTRON-MMBD4148SE Datasheet
217Kb / 5P
   SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD4148SE MCC-MMBD4148SE Datasheet
127Kb / 2P
   High Conductance Ultra Fast Diode 350mW
logo
Taiwan Semiconductor Co...
MMBD4148SE TSC-MMBD4148SE Datasheet
213Kb / 4P
   SMD Switching Diode
More results

Similar Description - MMBD4148SE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com