Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7047 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7047
Description  12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7047 Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7047 Datasheet HTML 18Page - Texas Instruments ADS7047 Datasheet HTML 19Page - Texas Instruments ADS7047 Datasheet HTML 20Page - Texas Instruments ADS7047 Datasheet HTML 21Page - Texas Instruments ADS7047 Datasheet HTML 22Page - Texas Instruments ADS7047 Datasheet HTML 23Page - Texas Instruments ADS7047 Datasheet HTML 24Page - Texas Instruments ADS7047 Datasheet HTML 25Page - Texas Instruments ADS7047 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
First
Sample
Next
Sample
tCYCLE
1
2
3
24
0
0
0
Data Output for First Sample
tACQ
0
0
4
0
SCLK
SDO
CS
22
ADS7047
SBAS819 – DECEMBER 2017
www.ti.com
Product Folder Links: ADS7047
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
(1)
In addition to the timing specifications of Figure 38 and Table 3, the timing specifications described in Figure 2 and the Timing
Requirements table are also applicable for offset calibration on power-up.
8.4.3 OFFCAL State
In the offset calibration (OFFCAL) state, the sampling capacitors are disconnected from the analog input pins
(AINP and AINM) and the device calibrates and corrects for any internal offset errors. The offset calibration is
effective for all subsequent conversions until the device is powered off. An offset calibration cycle is
recommended at power-up and whenever there is a significant change in the operating conditions for the device
(such as in the AVDD voltage and operating temperature).
The host controller must provide a serial transfer frame as described in Figure 38 or in Figure 39 to enter the
OFFCAL state.
8.4.3.1 Offset Calibration on Power-Up
On power-up, the host must provide 24 SCLKs in the first serial transfer to enter the OFFCAL state. The device
provides 0's on SDO during offset calibration. For acquisition of the next sample, a minimum time of tACQ must be
provided.
If the host controller starts the offset calibration process but then pulls the CS pin high before providing 24
SCLKs, then the offset calibration process is aborted and the device enters the ACQ state. Figure 38 and
Table 3 provide the timing for offset calibration on power-up.
Figure 38. Timing for Offset Calibration on Power-Up
Table 3. Timing Specifications for Offset Calibration on Power-Up(1)
MIN
TYP
MAX
UNIT
tcycle
Cycle time for offset calibration on power-up
24 × tCLK + tACQ
ns
tACQ
Acquisition time
80
ns
fSCLK
Frequency of SCLK
60
MHz


Similar Part No. - ADS7047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Similar Description - ADS7047

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7046 TI1-ADS7046 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7057 TI1-ADS7057 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 2.5-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
logo
Analog Devices
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com