Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7046IRUGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7046IRUGR
Description  12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7046IRUGR Datasheet(HTML) 5 Page - Texas Instruments

  ADS7046IRUGR Datasheet HTML 1Page - Texas Instruments ADS7046IRUGR Datasheet HTML 2Page - Texas Instruments ADS7046IRUGR Datasheet HTML 3Page - Texas Instruments ADS7046IRUGR Datasheet HTML 4Page - Texas Instruments ADS7046IRUGR Datasheet HTML 5Page - Texas Instruments ADS7046IRUGR Datasheet HTML 6Page - Texas Instruments ADS7046IRUGR Datasheet HTML 7Page - Texas Instruments ADS7046IRUGR Datasheet HTML 8Page - Texas Instruments ADS7046IRUGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
ADS7046
www.ti.com
SBAS785 – DECEMBER 2016
Product Folder Links: ADS7046
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Ideal input span; does not include gain or offset error.
(2)
See Figure 31, Figure 29, and Figure 30 for statistical distribution data for INL, offset error, and gain error.
(3)
LSB means least significant bit.
(4)
See the OFFCAL State section for details.
(5)
All specifications expressed in decibels (dB) refer to the full-scale input (FSR) and are tested with an input signal 0.5 dB below full-scale,
unless otherwise noted.
(6)
Calculated on the first nine harmonics of the input frequency.
6.5 Electrical Characteristics
at AVDD = 3.3 V, DVDD = 1.65 V to 3.6 V, fsample = 3 MSPS, and VAINM = 0 V (unless otherwise noted); minimum and
maximum values for TA = –40°C to +125°C; typical values at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage
span(1)
0
AVDD
V
Absolute input voltage
range
AINP to GND
–0.1
AVDD + 0.1
V
AINM to GND
–0.1
0.1
CS
Sampling capacitance
16
pF
SYSTEM PERFORMANCE
Resolution
12
Bits
NMC
No missing codes
12
Bits
INL(2)
Integral nonlinearity
–1
±0.3
1
LSB(3)
DNL
Differential nonlinearity
–0.5
±0.15
0.5
LSB
EO
(2)
Offset error
After calibration(4)
–3
±1
3
LSB
dVOS/dT
Offset error drift with
temperature
1.75
ppm/°C
EG
(2)
Gain error
–0.1
±0.01
0.1
%FS
Gain error drift with
temperature
0.5
ppm/°C
SAMPLING DYNAMICS
tCONV
Conversion time
15 × tSCLK
ns
tACQ
Acquisition time
80
ns
fSAMPLE
Maximum throughput
rate
60-MHz SCLK, AVDD = 2.35 V to 3.6 V
3
MHz
Aperture delay
3
ns
Aperture jitter, RMS
12
ps
DYNAMIC CHARACTERISTICS
SNR
Signal-to-noise ratio(5)
AVDD = 3.3 V, fIN = 2 kHz
69
71.2
dB
AVDD = 2.5 V, fIN = 2 kHz
70.4
THD
Total harmonic
distortion(5)(6)
fIN = 2 kHz
–86
dB
fIN = 500 kHz
–85
fIN = 1000 kHz
–84.5
SINAD
Signal-to-noise and
distortion(5)
fIN = 2 kHz
69
71.1
dB
fIN = 500 kHz
70.9
fIN = 1000 kHz
70.8
SFDR
Spurious-free dynamic
range(5)
fIN = 2 kHz
90
dB
fIN = 500 kHz
90
fIN = 1000 kHz
88
BW(fp)
Full-power bandwidth
At –3 dB
200
MHz


Similar Part No. - ADS7046IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Similar Description - ADS7046IRUGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com