Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS112U04IRTET Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112U04IRTET
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04IRTET Datasheet(HTML) 62 Page - Texas Instruments

Back Button ADS112U04IRTET Datasheet HTML 58Page - Texas Instruments ADS112U04IRTET Datasheet HTML 59Page - Texas Instruments ADS112U04IRTET Datasheet HTML 60Page - Texas Instruments ADS112U04IRTET Datasheet HTML 61Page - Texas Instruments ADS112U04IRTET Datasheet HTML 62Page - Texas Instruments ADS112U04IRTET Datasheet HTML 63Page - Texas Instruments ADS112U04IRTET Datasheet HTML 64Page - Texas Instruments ADS112U04IRTET Datasheet HTML 65Page - Texas Instruments ADS112U04IRTET Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
Device
Microcontroller
Signal
Conditioning
(RC Filters
and
Amplifiers)
Supply
Generation
Connector
or Antenna
Ground Fill or
Ground Plane
Ground Fill or
Ground Plane
Interface
Transceiver
Ground Fill or
Ground Plane
Ground Fill or
Ground Plane
62
ADS112U04
SBAS838 – JANUARY 2018
www.ti.com
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Layout
11.1 Layout Guidelines
Employing best design practices is recommended when laying out a printed-circuit board (PCB) for both analog
and digital components. This recommendation generally means that the layout separates analog components
[such as ADCs, amplifiers, references, digital-to-analog converters (DACs), and analog MUXs] from digital
components [such as microcontrollers, complex programmable logic devices (CPLDs), field-programmable gate
arrays (FPGAs), radio frequency (RF) transceivers, universal serial bus (USB) transceivers, and switching
regulators]. Figure 87 shows an example of good component placement. Although Figure 87 provides a good
example of component placement, the best placement for each application is unique to the geometries,
components, and PCB fabrication capabilities employed. That is, there is no single layout that is perfect for every
design and careful consideration must always be used when designing with any analog component.
Figure 87. System Component Placement
The following basic recommendations for layout of the ADS112U04 help achieve the best possible performance
of the ADC. A good design can be ruined with a bad circuit layout.
Separate analog and digital signals. To start, partition the board into analog and digital sections where the
layout permits. Routing digital lines away from analog lines prevents digital noise from coupling back into
analog signals.
The ground plane can be split into an analog plane (AGND) and digital plane (DGND), but is not necessary.
Place digital signals over the digital plane, and analog signals over the analog plane. As a final step in the
layout, the split between the analog and digital grounds must be connected to together at the ADC.
Fill void areas on signal layers with ground fill.
Provide good ground return paths. Signal return currents flow on the path of least impedance. If the ground
plane is cut or has other traces that block the current from flowing right next to the signal trace, another path
must be found to return to the source and complete the circuit. If forced into a larger path, the chance that the
signal radiates increases. Sensitive signals are more susceptible to EMI interference.
Use bypass capacitors on supplies to reduce high-frequency noise. Do not place vias between bypass
capacitors and the active device. Placing the bypass capacitors on the same layer as close to the active
device yields the best results.
Consider the resistance and inductance of the routing. Often, traces for the inputs have resistances that react
with the input bias current and cause an added error voltage. Reducing the loop area enclosed by the source
signal and the return current reduces the inductance in the path. Reducing the inductance reduces the EMI
pickup and reduces the high-frequency impedance at the input of the device.
Watch for parasitic thermocouples in the layout. Dissimilar metals going from each analog input to the sensor
can create a parasitic thermocouple that can add an offset to the measurement. Differential inputs must be
matched for both the inputs going to the measurement source.
Analog inputs with differential connections must have a capacitor placed differentially across the inputs. Best
input combinations for differential measurements use adjacent analog input lines (such as AIN0, AIN1 and
AIN2, AIN3). The differential capacitors must be of high quality. The best ceramic chip capacitors are C0G
(NPO) that have stable properties and low noise characteristics.


Similar Part No. - ADS112U04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS112U04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com