Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS112U04IRTET Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112U04IRTET
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04IRTET Datasheet(HTML) 51 Page - Texas Instruments

Back Button ADS112U04IRTET Datasheet HTML 47Page - Texas Instruments ADS112U04IRTET Datasheet HTML 48Page - Texas Instruments ADS112U04IRTET Datasheet HTML 49Page - Texas Instruments ADS112U04IRTET Datasheet HTML 50Page - Texas Instruments ADS112U04IRTET Datasheet HTML 51Page - Texas Instruments ADS112U04IRTET Datasheet HTML 52Page - Texas Instruments ADS112U04IRTET Datasheet HTML 53Page - Texas Instruments ADS112U04IRTET Datasheet HTML 54Page - Texas Instruments ADS112U04IRTET Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
3.3 V
Thermocouple
CDIF
CCM1
CCM2
RF2
RF1
RB2
RB1
AIN0
AIN1
AIN2
AINP
AINN
Low-Drift
Oscillator
Reference
Mux
Precision
Temperature
Sensor
RX
TX
AVDD
AVSS
GPIO1
GPIO0
TI Device
GPIO2/DRDY
DGND
REFP
REFN
2.048-V
Reference
10 A to
1.5 mA
Mux
DVDD
PGA
16-Bit
û ADC
Digital Filter
and
UART
Interface
3.3 V
0.1 PF
3.3 V
0.1 PF
Copyright © 2017, Texas Instruments Incorporated
RESET
AIN3
Isothermal Block
GND
GS1
GS0
OUT
VDD
LM94022
3.3 V
Cold-Junction
Compensation
51
ADS112U04
www.ti.com
SBAS838 – JANUARY 2018
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9.2 Typical Applications
9.2.1 K-Type Thermocouple Measurement (–200°C to +1250°C)
Figure 76 shows the basic connections of a thermocouple measurement system when using an external high-
precision temperature sensor for cold-junction compensation. Apart from the thermocouple itself, the only
external circuitry required are two biasing resistors, a simple low-pass, antialiasing filter, and the power-supply
decoupling capacitors.
Figure 76. Thermocouple Measurement
9.2.1.1 Design Requirements
(1)
Not accounting for error of the thermocouple and cold-junction temperature measurement;
offset calibration at T(TC) = T(CJ) = 25°C; no gain calibration.
Table 24. Design Requirements
DESIGN PARAMETER
VALUE
Supply voltage
3.3 V
Reference voltage
Internal 2.048-V reference
Update rate
≥10 readings per second
Thermocouple type
K
Temperature measurement range
–200°C to +1250°C
Measurement accuracy at TA = 25°C
(1)
0.5°C
9.2.1.2 Detailed Design Procedure
The biasing resistors RB1 and RB2 are used to set the common-mode voltage of the thermocouple such that the
input voltages do not exceed the absolute input voltage range of the PGA (in this example, to mid-supply AVDD /
2). If the application requires the thermocouple to be biased to GND, either a bipolar supply (for example, AVDD
= 2.5 V and AVSS = –2.5 V) must be used for the device to meet the absolute input voltage requirement of the
PGA, or the PGA must be bypassed. When choosing the values of the biasing resistors, care must be taken so
that the biasing current does not degrade measurement accuracy. The biasing current flows through the
thermocouple and can cause self-heating and additional voltage drops across the thermocouple leads. Typical
values for the biasing resistors range from 1 MΩ to 50 MΩ.


Similar Part No. - ADS112U04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS112U04IRTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com