Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7046 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7046
Description  12-Bit, 3-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7046 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS7046 Datasheet HTML 15Page - Texas Instruments ADS7046 Datasheet HTML 16Page - Texas Instruments ADS7046 Datasheet HTML 17Page - Texas Instruments ADS7046 Datasheet HTML 18Page - Texas Instruments ADS7046 Datasheet HTML 19Page - Texas Instruments ADS7046 Datasheet HTML 20Page - Texas Instruments ADS7046 Datasheet HTML 21Page - Texas Instruments ADS7046 Datasheet HTML 22Page - Texas Instruments ADS7046 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
NFSC+1
PFSC
MC + 1
VREF ± 1 LSB
1 LSB
Single-Ended Analog Input
(AINP ± AINM)
MC
VIN
NFSC
2
VREF
1LSB
2
VREF
19
ADS7046
www.ti.com
SBAS785 – DECEMBER 2016
Product Folder Links: ADS7046
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8.3.4 ADC Transfer Function
The device supports a unipolar, single-ended analog input signal. The output is in straight binary format.
Figure 35 and Table 2 show the ideal transfer characteristics for the device.
The least significant bit for the device is given by:
1 LSB = VREF / 2
N
where:
VREF = Voltage applied between the AVDD and GND pins
N = 12
(1)
Figure 35. Ideal Transfer Characteristics
Table 2. Transfer Characteristics
INPUT VOLTAGE (AINP – AINM)
CODE
DESCRIPTION
IDEAL OUTPUT CODE
(Hex)
≤ 1 LSB
NFSC
Negative full-scale code
000
1 LSB to 2 LSB
NFSC + 1
001
VREF / 2 to VREF / 2 + 1 LSB
MC
Mid code
7FF
VREF / 2 + 1 LSB to VREF / 2 + 2 LSB
MC + 1
800
≥ VREF – 1 LSB
PFSC
Positive full-scale code
FFF


Similar Part No. - ADS7046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7040IDCUR TI1-ADS7040IDCUR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IDCUT TI1-ADS7040IDCUT Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040IRUGR TI1-ADS7040IRUGR Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
ADS7040 TI1-ADS7040_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size
More results

Similar Description - ADS7046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7052 TI1-ADS7052 Datasheet
1Mb / 44P
[Old version datasheet]   14-Bit, 1-MSPS, Single-Ended Input, Small-Size, Low-Power SAR ADC
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7044 TI1-ADS7044_16 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7054 TI1-ADS7054 Datasheet
1Mb / 42P
[Old version datasheet]   14-Bit, 1-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
logo
Analog Devices
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com