Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS112U04 Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112U04
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04 Datasheet(HTML) 60 Page - Texas Instruments

Back Button ADS112U04 Datasheet HTML 56Page - Texas Instruments ADS112U04 Datasheet HTML 57Page - Texas Instruments ADS112U04 Datasheet HTML 58Page - Texas Instruments ADS112U04 Datasheet HTML 59Page - Texas Instruments ADS112U04 Datasheet HTML 60Page - Texas Instruments ADS112U04 Datasheet HTML 61Page - Texas Instruments ADS112U04 Datasheet HTML 62Page - Texas Instruments ADS112U04 Datasheet HTML 63Page - Texas Instruments ADS112U04 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 72 page
background image
60
ADS112U04
SBAS838 – JANUARY 2018
www.ti.com
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
A first-order differential and common-mode RC filter (RF1, RF2, CDIF1, CCM1, and CCM2) is placed on the ADC
inputs. The reference has an additional capacitor CDIF2 to limit reference noise. Care must be taken to maintain a
limited amount of filtering or the measurement is no longer ratiometric.
The device is capable of 16-bit, noise-free resolution using a gain of 128 at 20 SPS for the specified reference
voltage. Accordingly, the device is able to resolve signals as small as one LSB. Use Equation 30 to calculate the
LSB size:
1 LSB = (2 · VREF / Gain) / 2
16 = (2 · 5.0 V / 128) / 216 = 1.192 µV
(30)
To find the total number of counts available for the bridge measurement, the maximum output voltage is divided
by the LSB value. Dividing 10 mV by 1.192 µV equates to 8389 total counts available, which meets the design
parameter of 8000 counts.
Table 29 shows the register settings for this design.
Table 29. Register Settings
REGISTER
SETTING
DESCRIPTION
00h
4Eh
AINP = AIN1, AINN = AIN2, gain = 128, PGA enabled
01h
0Ah
DR = 20 SPS, normal mode, continuous conversion mode, external
reference
02h
98h
Conversion data counter disabled, data integrity disabled, burnout
current sources disabled, IDACs off
03h
00h
No IDACs used, manual data read mode
04h
48h
GPIO2/DRDY pin configured as a DRDY output


Similar Part No. - ADS112U04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS112U04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com