Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS112U04 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # ADS112U04
Description  16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS112U04 Datasheet(HTML) 44 Page - Texas Instruments

Back Button ADS112U04 Datasheet HTML 40Page - Texas Instruments ADS112U04 Datasheet HTML 41Page - Texas Instruments ADS112U04 Datasheet HTML 42Page - Texas Instruments ADS112U04 Datasheet HTML 43Page - Texas Instruments ADS112U04 Datasheet HTML 44Page - Texas Instruments ADS112U04 Datasheet HTML 45Page - Texas Instruments ADS112U04 Datasheet HTML 46Page - Texas Instruments ADS112U04 Datasheet HTML 47Page - Texas Instruments ADS112U04 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
44
ADS112U04
SBAS838 – JANUARY 2018
www.ti.com
Product Folder Links: ADS112U04
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.6.2.4 Configuration Register 3 (address = 03h) [reset = 00h]
Figure 72. Configuration Register 3
7
6
5
4
3
2
1
0
I1MUX[2:0]
I2MUX[2:0]
0
AUTO
R/W-0h
R/W-0h
R-0h
R/W-0h
Table 22. Configuration Register 3 Field Descriptions
Bit
Field
Type
Reset
Description
7:5
I1MUX[2:0]
R/W
0h
IDAC1 routing configuration.
These bits select the channel that IDAC1 is routed to.
000 : IDAC1 disabled (default)
001 : IDAC1 connected to AIN0
010 : IDAC1 connected to AIN1
011 : IDAC1 connected to AIN2
100 : IDAC1 connected to AIN3
101 : IDAC1 connected to REFP
110 : IDAC1 connected to REFN
111 : Reserved
4:2
I2MUX[2:0]
R/W
0h
IDAC2 routing configuration.
These bits select the channel that IDAC2 is routed to.
000 : IDAC2 disabled (default)
001 : IDAC2 connected to AIN0
010 : IDAC2 connected to AIN1
011 : IDAC2 connected to AIN2
100 : IDAC2 connected to AIN3
101 : IDAC2 connected to REFP
110 : IDAC2 connected to REFN
111 : Reserved
1
RESERVED
R
0h
Reserved.
Always write 0
0
AUTO
R/W
0h
ADC data output mode.
The bit controls the UART data output mode for the conversion result.
0 : Manual data read mode (default)
1 : Automatic data read mode


Similar Part No. - ADS112U04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
[Old version datasheet]   Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
[Old version datasheet]   Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
[Old version datasheet]   Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results

Similar Description - ADS112U04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122U04 TI1-ADS122U04_17 Datasheet
1Mb / 67P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com