Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DJ2700 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12DJ2700
Description  5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ2700 Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC12DJ2700 Datasheet HTML 31Page - Texas Instruments ADC12DJ2700 Datasheet HTML 32Page - Texas Instruments ADC12DJ2700 Datasheet HTML 33Page - Texas Instruments ADC12DJ2700 Datasheet HTML 34Page - Texas Instruments ADC12DJ2700 Datasheet HTML 35Page - Texas Instruments ADC12DJ2700 Datasheet HTML 36Page - Texas Instruments ADC12DJ2700 Datasheet HTML 37Page - Texas Instruments ADC12DJ2700 Datasheet HTML 38Page - Texas Instruments ADC12DJ2700 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 146 page
background image
Sample Number
1600
1700
1800
1900
2000
2100
2200
2300
2400
0
100
200
300
400
500
D128
-0.35V Differential
Sample Number
0
1000
2000
3000
4000
5000
6000
7000
8000
0
512
1024
1536
2048
2560
3072
3584
4096
Zoomed Area
in Following Plot
D127
+0.35 V Differential
-0.35 V Differential
0 V Differential
Sample Number
0
5000
10000
15000
20000
25000
30000
35000
0
500
1000
1500
2000
2500
3000
3500
4000
Zoomed Area
in Following Plot
D125
Sample Number
14800
15200
15600
16000
16400
1400
1600
1800
2000
2200
D126
JMODE
0
2
4
6
8
10
12
14
16
18
2.5
2.75
3
3.25
3.5
3.75
4
D033
FG Calibration
BG Calibration
LPBG Calibration
JMODE
0
2
4
6
8
10
12
14
16
18
0
0.25
0.5
0.75
1
1.25
1.5
D122
IA19
IA11
ID11
35
ADC12DJ2700
www.ti.com
SLVSEH9 – JANUARY 2018
Product Folder Links: ADC12DJ2700
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values at TA = 25°C, VA19 = 1.9 V, VA11 = VD11 = 1.1 V, default full-scale voltage (FS_RANGE_A = FS_RANGE_B
= 0xA000), input signal applied to INA± in single-channel modes, fIN = 347 MHz, AIN = –1 dBFS, fCLK = maximum-rated clock
frequency, filtered, 1-VPP sine-wave clock, JMODE = 1, and background calibration (unless otherwise noted); SNR results
exclude DC, HD2 to HD9 and interleaving spurs; SINAD, ENOB, and SFDR results exclude DC and fixed-frequency
interleaving spurs
(1)
These curves are taken at a clock frequency higher than the rated maximum clock frequency but are representative of results at the
rated maximum clock frequency.
fIN = 2400 MHz, fCLK = 2700 MHz, BG calibration
Figure 58. Supply Current vs JMODE
fIN = 2400 MHz, fCLK = 2700 MHz
Figure 59. Power Consumption vs JMODE
JMODE0, fCLK = 3200 MHz, fIN = 3199.9 MHz
Figure 60. Background Calibration Core Transition
(AC Signal) (1)
JMODE0, fCLK = 3200 MHz, fIN = 3199.9 MHz
Figure 61. Background Calibration Core Transition
(AC Signal Zoomed)(1)
JMODE0, fCLK = 3200 MHz, DC input
Figure 62. Background Calibration Core Transition
(DC Signal)(1)
JMODE0, fCLK = 3200 MHz, DC input
Figure 63. Background Calibration Core Transition
(DC Signal Zoomed)(1)


Similar Part No. - ADC12DJ2700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI-ADC12DJ2700 Datasheet
5Mb / 199P
[Old version datasheet]   ADC12DJ4000RF 8-GSPS Single-Channel or 4-GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)
ADC12DJ2700AAV TI1-ADC12DJ2700AAV Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700AAVT TI1-ADC12DJ2700AAVT Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700ZEG TI1-ADC12DJ2700ZEG Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12DJ2700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ2700 TI1-ADC12DJ2700_V01 Datasheet
2Mb / 146P
[Old version datasheet]   ADC12DJ2700 5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200RF TI-ADC12DJ5200RF_V01 Datasheet
7Mb / 207P
[Old version datasheet]   ADC12DJ5200RF 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ5200-SP TI-ADC12DJ5200-SP_V02 Datasheet
7Mb / 208P
[Old version datasheet]   ADC12DJ5200-SP 10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com