Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3C0038-24 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0038-24
Description  SMA Male to SMA Male Cable 24 InchLength Using LMR-195 Coax
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0038-24 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0038-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0038-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0038-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
SMA Male to SMA Male Cable 24 Inch Length Using LMR-195 Coax
Configuration
Connector 1
SMA Male
Connector 1 Specification
MIL-STD-348A
Connector 2
SMA Male
Connector 2 Specification
MIL-STD-348A
Cable Type
LMR-195
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-195
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Size
Length, in [mm]
24 [609.6]
Diameter, in [mm]
0.315 [8]
.
Weight, lbs [g]
0.048 [21.77]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.5 [12.7]
Repeated Minimum Bend Radius, in [mm]
2 [50.8]
Cable
No of Shields
2
Dielectric Type
PE (F)
Jacket Material
PE
Jacket Diameter, in [mm]
0.195 [4.95]
Connector 1
Type
SMA Male
Configuration
Straight
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
50µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Hex Size, in
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Cable 24 Inch Length Using LMR-195 Coax PE3C0038-24
PE3C0038-24 REV
PE3C0038-24
SMA Male to SMA Male Cable 24 Inch
Length Using LMR-195 Coax


Similar Part No. - PE3C0038-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0038-12 PASTERNACK-PE3C0038-12 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 12 InchLength Using LMR-195 Coax
PE3C0038-36 PASTERNACK-PE3C0038-36 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 36 InchLength Using LMR-195 Coax
PE3C0038-48 PASTERNACK-PE3C0038-48 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 48 InchLength Using LMR-195 Coax
PE3C0038-60 PASTERNACK-PE3C0038-60 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 60 Inch Length Using LMR-195 Coax
More results

Similar Description - PE3C0038-24

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0038-36 PASTERNACK-PE3C0038-36 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 36 InchLength Using LMR-195 Coax
PE3C0038-12 PASTERNACK-PE3C0038-12 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 12 InchLength Using LMR-195 Coax
PE3C0038-48 PASTERNACK-PE3C0038-48 Datasheet
328Kb / 3P
   SMA Male to SMA Male Cable 48 InchLength Using LMR-195 Coax
PE3C0057-24 PASTERNACK-PE3C0057-24 Datasheet
322Kb / 3P
   SMA Male to SMA Male Cable 24 InchLength Using LMR-100 Coax
PE3C0038 PASTERNACK-PE3C0038 Datasheet
335Kb / 3P
   SMA Male to SMA Male Cable Using LMR-195 Coax
PE3C0057-12 PASTERNACK-PE3C0057-12 Datasheet
322Kb / 3P
   SMA Male to SMA Male Cable 12 InchLength Using LMR-100 Coax
PE3C0057-48 PASTERNACK-PE3C0057-48 Datasheet
323Kb / 3P
   SMA Male to SMA Male Cable 48 InchLength Using LMR-100 Coax
PE3C0057-60 PASTERNACK-PE3C0057-60 Datasheet
322Kb / 3P
   SMA Male to SMA Male Cable 60 InchLength Using LMR-100 Coax
PE3C0057-36 PASTERNACK-PE3C0057-36 Datasheet
322Kb / 3P
   SMA Male to SMA Male Cable 36 InchLength Using LMR-100 Coax
PE3C0051 PASTERNACK-PE3C0051 Datasheet
337Kb / 3P
   SMA Male to BNC Male Cable Using LMR-195 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com