Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5061RLRM Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N5061RLRM
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5061RLRM Datasheet(HTML) 2 Page - ON Semiconductor

  2N5061RLRM Datasheet HTML 1Page - ON Semiconductor 2N5061RLRM Datasheet HTML 2Page - ON Semiconductor 2N5061RLRM Datasheet HTML 3Page - ON Semiconductor 2N5061RLRM Datasheet HTML 4Page - ON Semiconductor 2N5061RLRM Datasheet HTML 5Page - ON Semiconductor 2N5061RLRM Datasheet HTML 6Page - ON Semiconductor 2N5061RLRM Datasheet HTML 7Page - ON Semiconductor 2N5061RLRM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N5060 Series
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Peak Repetitive Off−State Voltage (Note 1)
(TJ = *40 to 110°C, Sine Wave,
50 to 60 Hz, Gate Open)
2N5060
2N5061
2N5062
2N5064
VDRM,
VRRM
30
60
100
200
V
On-State Current RMS (180
° Conduction Angles; TC = 80°C)
IT(RMS)
0.8
A
*Average On-State Current
(180
° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Peak Non-repetitive Surge Current,
TA = 25°C
(1/2 cycle, Sine Wave, 60 Hz)
ITSM
10
A
Circuit Fusing Considerations (t = 8.3 ms)
I2t
0.4
A2s
*Average On-State Current
(180
° Conduction Angles)
(TC = 67°C)
(TC = 102°C)
IT(AV)
0.51
0.255
A
*Forward Peak Gate Power (Pulse Width
v 1.0 msec; TA = 25°C)
PGM
0.1
W
*Forward Average Gate Power (TA = 25°C, t = 8.3 ms)
PG(AV)
0.01
W
*Forward Peak Gate Current (Pulse Width
v 1.0 msec; TA = 25°C)
IGM
1.0
A
*Reverse Peak Gate Voltage (Pulse Width
v 1.0 msec; TA = 25°C)
VRGM
5.0
V
*Operating Junction Temperature Range
TJ
−40 to +110
°C
*Storage Temperature Range
Tstg
−40 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however, positive gate
voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a constant current
source such that the voltage ratings of the devices are exceeded.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
*Thermal Resistance, Junction−to−Case (Note 2)
RqJC
75
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
200
°C/W
*Lead Solder Temperature (Lead Length
q 1/16″ from case, 10 s Max)
+230*
°C
2. This measurement is made with the case mounted “flat side down” on a heatsink and held in position by means of a metal clamp over the
curved surface.
*Indicates JEDEC Registered Data.


Similar Part No. - 2N5061RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLRAG ONSEMI-2N5061RLRAG Datasheet
116Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
September, 2011 ??Rev. 10
More results

Similar Description - 2N5061RLRM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com