Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2151 Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. 2N2151
Description  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 1 page
background image
TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/277
Devices
Qualified Level
2N2150
2N2151
JANTX
MAXIMUM RATINGS (TC = 25
0C unless otherwise noted)
Ratings
Symbol
Value
Units
Collector-Emitter Voltage
VCEO
100
Vdc
Collector-Base Voltage
VCBO
150
Vdc
Emitter-Base Voltage
VEBO
8.0
Vdc
Base Current
IB
2.0
Adc
Collector Current
IC
2.0
Adc
Total Power Dissipation
@ Tc = +100
0C(1)
PT
30
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
3.3
0C/W
1) Derate linearly @ 0.3 W/
0C for TC > +1000C
TO-111*
*See Appendix A for
Package Outline
ELECTRICAL CHARACTERISTICS (TC = +25
0C)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 50 mAdc
V(BR)CEO
100
Vdc
Collector-Emitter Breakdown Voltage
IC = 100 µAdc
VCBO
150
Vdc
Collector-Emitter Cutoff Current
VCE = 80 Vdc
ICEO
10
µAdc
Collector-Base Cutoff Current
VCB = 120 Vdc
ICBO
5.0
µAdc
Collector-Emitter Cutoff Current
VCE = 120 Vdc, VBE = -1.0 Vdc
ICEX
5.0
µAdc
Emitter-Base Cutoff Current
VEB = 8.0 Vdc
IEBO
2.0
µAdc
Collector-Emitter Cutoff Current
VCE = 120 Vdc, VBE = 0 Vdc
ICES
5.0
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CP235Power Transistor NPN - Silicon Power Transistor Chip 1 2 Central Semiconductor Corp
CZT3090LSURFACE MOUNT LOW VCE SAT NPN SILICON POWER TRANSISTOR 1 2 Central Semiconductor Corp
BD157Plastic Medium Power NPN Silicon Transistor 1 2 3 4 Motorola, Inc
CSD1833NPN SILICON EPITAXIAL POWER TRANSISTOR 1 2 3 Continental Device India Limited
MJE34390.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS 1 2 3 4 Motorola, Inc
MRF247RF POWER TRANSISTOR NPN SILICON 1 2 3 4 Motorola, Inc
MRF6401PHTNPN Silicon RF Power Transistor 1 2 3 4 Motorola, Inc
MRF842RF POWER TRANSISTOR NPN SILICON 1 2 3 4 5 MoreMotorola, Inc
2SD1950NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD 1 2 3 4 NEC
UPA1478NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl