Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50400GDC Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL50400GDC
Description  Lightly Managed/Unmanaged 9-Port 10/100 M Ethernet Switch
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50400GDC Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL50400GDC Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50400GDC Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 124 page
background image
ZL50400
Data Sheet
3
Zarlink Semiconductor Inc.
Description
The ZL50400 is a low density, low cost, high performance, non-blocking Ethernet switch chip. A single chip
provides 8 ports at 10/100 Mbps, 1 uplink port at 10/100 Mbps, and a CPU interface for lightly managed and
unmanaged switch applications. The chip supports up to 4 K MAC addresses and port-based Virtual LANs
(VLANs).
With strict priority and/or WFQ transmission scheduling and WRED dropping schemes, the ZL50400 provides
powerful QoS functions for various multimedia and mission-critical applications. The chip provides 2 transmission
priorities (4 priorities for uplink port) and 2 levels of dropping precedence. Each packet is assigned a transmission
priority and dropping precedence based on the VLAN priority field in a VLAN tagged frame, or the DS/TOS field, or
the UDP/TCP logical port fields in IP packets. The ZL50400 recognizes a total of 16 UDP/TCP logical ports, 8
hard-wired and 8 programmable (including one programmable range).
The ZL50400 provides the ability to monitor a link, detect a simple link failure, and provide notification of the failure
to the CPU. The CPU can then failover that link to an alternate link.
The ZL50400 supports up to 8 groups of port trunking/load sharing. Each group can contain up to 8 ports. Port
trunking/load sharing can be used to group ports between interlinked switches to increase the effective network
bandwidth.
In half-duplex mode, all ports support backpressure flow control, to minimize the risk of losing data during long
activity bursts. In full-duplex mode, IEEE 802.3x flow control is provided. The ZL50400 also supports a per-system
option to enable flow control for best effort frames, even on QoS-enabled ports.
Statistical information for SNMP and the Remote Monitoring Management Information Base (RMON MIB) are
collected independently for all ports. Access to these statistical counters/registers is provided via the CPU interface.
SNMP Management frames can be received and transmitted via the CPU interface, creating a complete network
management solution.
The ZL50400 is fabricated using 0.18 micron technology. The ZL50400 is packaged in a 208-pin Ball Grid Array
package.


Similar Part No. - ZL50400GDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
ZL50404GDC ZARLINK-ZL50404GDC Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
ZL50405 ZARLINK-ZL50405 Datasheet
776Kb / 132P
   Managed5-Port 10/100 M Ethernet Switch
ZL50405GDC ZARLINK-ZL50405GDC Datasheet
776Kb / 132P
   Managed5-Port 10/100 M Ethernet Switch
ZL50407 ZARLINK-ZL50407 Datasheet
1Mb / 125P
   Lightly Managed/Unmanaged 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
More results

Similar Description - ZL50400GDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50404 ZARLINK-ZL50404 Datasheet
1Mb / 121P
   Lightly Managed/Unmanaged 5-Port 10/100M Ethernet Switch
ZL50407 ZARLINK-ZL50407 Datasheet
1Mb / 125P
   Lightly Managed/Unmanaged 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
MDS108A ZARLINK-MDS108A Datasheet
308Kb / 37P
   Unmanaged 9-Port 10/100 Mbps Ethernet Switch
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
   Managed 9-Port 10/100M Ethernet Switch
logo
Black Box Registered Tr...
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
   8 Port Unmanaged Ethernet Switch 10/100
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
logo
Microchip Technology
LAN9354 MICROCHIP-LAN9354 Datasheet
3Mb / 487P
   3-Port 10/100 Managed Ethernet Switch
01/27/15
logo
ORing Industrial Networ...
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
   10-port managed Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
   10-port managed Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com