Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50232 Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL50232
Description  32 Channel Voice Echo Canceller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50232 Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL50232 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50232 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ZL50232
Data Sheet
2
Zarlink Semiconductor Inc.
Description
The ZL50232 Voice Echo Canceller implements a cost effective solution for telephony voice-band echo cancellation
conforming to ITU-T G.168 requirements. The ZL50232 architecture contains 16 groups of two echo cancellers
(ECA and ECB) which can be configured to provide two channels of 64 milliseconds or one channel of 128
milliseconds echo cancellation. This provides 32 channels of 64 milliseconds to 16 channels of 128 milliseconds
echo cancellation or any combination of the two configurations. The ZL50232 supports ITU-T G.165 and G.164 tone
disable requirements
Figure 2 - 100 Pin LQFP
D7
D6
D5
D4
D3
D2
D1
D0
CS
DS
VSS
NC
R/W
DTA
VDD2
NC
VSS
ODE
Sout
Rout
Sin
NC
NC
VSS
C4ib
Foib
Rin
VDD2
TMS
TDI
TDO
TCK
VSS
TRSTB
RESETB
IRQB
ZL50232QC
NC
(100 pin LQFP)
VDD1 = 3.3 V
VDD2 = 1.8 V
NC
NC
NC
NC
NC
IC0
IC0
IC0
IC0
IC0
IC0
IC0
IC0


Similar Part No. - ZL50232

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50233 ZARLINK-ZL50233 Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
ZL50233 ZARLINK-ZL50233 Datasheet
547Kb / 38P
   4 Channel Voice Echo Cancellor
ZL50233GD ZARLINK-ZL50233GD Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
ZL50233GDC ZARLINK-ZL50233GDC Datasheet
625Kb / 37P
   4 Channel Voice Echo Cancellor
ZL50233GDG ZARLINK-ZL50233GDG Datasheet
547Kb / 38P
   4 Channel Voice Echo Cancellor
More results

Similar Description - ZL50232

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL38065 ZARLINK-ZL38065_06 Datasheet
657Kb / 48P
   32 Channel Voice Echo Canceller
ZL38065 ZARLINK-ZL38065 Datasheet
658Kb / 48P
   32 Channel Voice Echo Canceller
ZL50235 ZARLINK-ZL50235_06 Datasheet
658Kb / 43P
   16 Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234_06 Datasheet
658Kb / 44P
   8 Channel Voice Echo Canceller
MT93L00A ZARLINK-MT93L00A Datasheet
639Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50234 ZARLINK-ZL50234 Datasheet
620Kb / 41P
   8 Channel Voice Echo Canceller
ZL50211 ZARLINK-ZL50211 Datasheet
2Mb / 42P
   256 Channel Voice Echo Canceller
MT9300B ZARLINK-MT9300B Datasheet
629Kb / 39P
   Multi-Channel Voice Echo Canceller
ZL50212 ZARLINK-ZL50212 Datasheet
803Kb / 42P
   288 Channel Voice Echo Canceller
ZL38070 ZARLINK-ZL38070_06 Datasheet
835Kb / 51P
   256 Channel Voice Echo Canceller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com