Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR921LJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNR921LJ
Description  Silicon NPN epitaxial planar type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR921LJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNR921LJ Datasheet HTML 1Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 2Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 3Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 4Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 5Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 6Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 7Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 8Page - Panasonic Semiconductor UNR921LJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Transistors with built-in Resistor
1
Publication date: January 2004
SJH00039BED
UNR921xJ Series (UN921xJ Series)
Silicon NPN epitaxial planar type
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
• SS-Mini type package, allowing automatic insertion through tape
packing.
■ Resistance by Part Number
Marking Symbol (R1)(R2)
• UNR9210J (UN9210J)
8L
47 k
Ω
• UNR9211J (UN9211J)
8A
10 k
10 k
• UNR9212J (UN9212J)
8B
22 k
22 k
• UNR9213J (UN9213J)
8C
47 k
47 k
• UNR9214J (UN9214J)
8D
10 k
47 k
• UNR9215J (UN9215J)
8E
10 k
Ω
• UNR9216J (UN9216J)
8F
4.7 k
Ω
• UNR9217J (UN9217J)
8H
22 k
Ω
• UNR9218J (UN9218J)
8I
0.51 k
5.1 k
• UNR9219J (UN9219J)
8K
1 k
10 k
• UNR921AJ
8X
100 k
100 k
• UNR921BJ
8Y
100 k
Ω
• UNR921CJ
8Z
47 k
• UNR921DJ (UN921DJ) 8M
47 k
10 k
• UNR921EJ (UN921EJ)
8N
47 k
22 k
• UNR921FJ (UN921FJ)
8O
4.7 k
10 k
• UNR921KJ (UN921KJ) 8P
10 k
4.7 k
• UNR921LJ (UN921LJ)
8Q
4.7 k
4.7 k
• UNR921MJ
EL
2.2 k
47 k
• UNR921NJ
EX
4.7 k
47 k
• UNR921TJ (UN921TJ)
EZ
22 k
47 k
• UNR921VJ
FD
2.2 k
2.2 k
■ Absolute Maximum Ratings T
a = 25°C
Note) The part numbers in the parenthesis show conventional part number.
0.27±0.02
3
12
0.12
+0.03
–0.01
1.60
+0.05
–0.03
1.00±0.05
(0.50)(0.50)
B
C
E
R1
R2
Internal Connection
Unit: mm
1: Base
2: Emitter
3: Collector
EIAJ: SC-89
SSMini3-F1 Package
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
50
V
Collector-emitter voltage (Base open)
VCEO
50
V
Collector current
IC
100
mA
Total power dissipation
PT
125
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C


Similar Part No. - UNR921LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR921LJ PANASONIC-UNR921LJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
More results

Similar Description - UNR921LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com