Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR921CJ Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # UNR921CJ
Description  Silicon NPN epitaxial planar type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR921CJ Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button UNR921CJ Datasheet HTML 4Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 5Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 6Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 7Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 8Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 9Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 10Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 11Page - Panasonic Semiconductor UNR921CJ Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
UNR921xJ Series
Transistors with built-in Resistor
SJH00039BED
Cob  VCB
IO  VIN
VIN  IO
Cob  VCB
IO  VIN
VIN  IO
Characteristics charts of UNR9217J
IC  VCE
VCE(sat)  IC
hFE  IC
0
10 −1
6
5
4
3
2
1
110
102
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)
1
0.4
10
102
103
104
1.4
1.2
1.0
0.8
0.6
VO
= 5 V
Ta
= 25°C
Input voltage V
IN (V)
10 −2
10 −1
10 −1
1
10
102
110
102
VO
= 0.2 V
Ta
= 25°C
Output current IO (mA)
012
210
48
6
0
120
100
80
60
40
20
Ta
= 25°C
IB
=1 .0 mA
0.1 mA
0.2 mA
0.3 mA
0.4 mA
0.5 mA
0.6 mA
0.7 mA
0.8 mA
0.9 mA
Collector-emitter voltage V
CE (V)
10 −2
10 −1
10 −1
1
10
102
110
102
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
1
100
200
300
400
10
102
103
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
0
10 −1
6
5
4
3
2
1
110
102
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)
1
0.4
10
102
103
104
1.4
1.2
1.0
0.8
0.6
VO
= 5 V
Ta
= 25°C
Input voltage V
IN (V)
10 −2
10 − −1
10 −1
1
10
102
110
102
VO
= 0.2 V
Ta
= 25°C
Output current IO (mA)


Similar Part No. - UNR921CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR921CJ PANASONIC-UNR921CJ Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
UNR921CJ PANASONIC-UNR921CJ Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
More results

Similar Description - UNR921CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
UNR2225 PANASONIC-UNR2225 Datasheet
133Kb / 5P
   Silicon NPN epitaxial planar type
2SD1707 PANASONIC-2SD1707 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Guangdong Kexin Industr...
2SC5026 KEXIN-2SC5026 Datasheet
50Kb / 1P
   Silicon NPN Epitaxial Planar Type
2SD874 KEXIN-2SD874 Datasheet
52Kb / 2P
   Silicon NPN Epitaxial Planar Type
logo
Panasonic Semiconductor
2SC1567 PANASONIC-2SC1567 Datasheet
93Kb / 4P
   Silicon NPN epitaxial planar type
2SC1568 PANASONIC-2SC1568 Datasheet
94Kb / 4P
   Silicon NPN epitaxial planar type
2SC2590 PANASONIC-2SC2590 Datasheet
80Kb / 3P
   Silicon NPN epitaxial planar type
logo
Toshiba Semiconductor
MT3S03AS TOSHIBA-MT3S03AS Datasheet
119Kb / 2P
   SILICON NPN EPITAXIAL PLANAR TYPE
logo
Panasonic Semiconductor
UNR1211 PANASONIC-UNR1211 Datasheet
347Kb / 14P
   Silicon NPN epitaxial planar type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com