Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2825B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC2825B
Description  High Speed PWM Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2825B Datasheet(HTML) 6 Page - Texas Instruments

  UC2825B Datasheet HTML 1Page - Texas Instruments UC2825B Datasheet HTML 2Page - Texas Instruments UC2825B Datasheet HTML 3Page - Texas Instruments UC2825B Datasheet HTML 4Page - Texas Instruments UC2825B Datasheet HTML 5Page - Texas Instruments UC2825B Datasheet HTML 6Page - Texas Instruments UC2825B Datasheet HTML 7Page - Texas Instruments UC2825B Datasheet HTML 8Page - Texas Instruments UC2825B Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
UVLO, SOFT START AND FAULT MANAGEMENT
Soft start is programmed by a capacitor on the SS pin. At
power up, SS is discharged. When SS is low, the error amp
output is also forced low. As the internal 9
µA source
charges the SS pin, the error amp output follows until
closed loop regulation takes over.
Anytime ILIM exceeds 1.2V, the fault latch will be set and
the output pins will be driven low. The soft start cap is then
discharged by a 250
µA current sink. No more output
pulses are allowed until soft start is fully discharged, and
ILIM is below 1.2V. At this point the fault latch will be re-
set and the chip will execute a soft start.
Should the fault latch be set during soft start, the outputs
will be immediately terminated, but the soft start cap will
not be discharged until it has been fully charged. This re-
sults in a controlled hiccup interval for continuous fault con-
ditions.
UC1823A,B/1825A,B
UC2823A,B/2825A,B
UC3823A,B/3825A,B
APPLICATIONS INFORMATION (cont.)
Soft Start and Fault Waveforms
UDG-95106
ACTIVE LOW OUTPUTS DURING UVLO
The UVLO function forces the outputs to be low and con-
siders both VCC and VREF before allowing the chip to
operate.
Output V and I During UVLO
Simplified Schematic
PWM APPLICATIONS
Current Mode
Voltage Mode
UDG-95107
UDG-95108
UDG-95109
UDG-95110


Similar Part No. - UC2825B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2825B TI-UC2825B Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC2825B TI-UC2825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC2825B TI-UC2825B Datasheet
483Kb / 18P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2825B TI1-UC2825B Datasheet
353Kb / 12P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
UC2825B TI1-UC2825B Datasheet
936Kb / 19P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC2825B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com